Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME1085 Datasheet(PDF) 7 Page - Analog Microelectronics |
|
AME1085 Datasheet(HTML) 7 Page - Analog Microelectronics |
7 / 14 page Analog Microelectronics, Inc. 7 AME1085 3A Low Dropout Positive Voltage Regulator n n n n n Advanced Applications * VO = VREF ( 1 + ) + IADJ x R2 ** Optional for improved ripple rejection R2 R1 Figure 5 Adjustable output voltage * 20m Ω is ballast resistance The inter - connection of #18 wire could act as ballast resistance Figure 6 Paralleling Regulators V IN = 5V R1 R2 10 µF 10 µF 2K 1K 10 µF ** * V O = 1.5 - 3.45V AME1085 V OUT V IN ADJ V IN R1 R2 10 µF V O 10 µF I O = 0 to 6A * 20m Ω * 20m Ω AME1085 V OUT V IN GND AME1085 V OUT V IN GND |
Número de pieza similar - AME1085 |
|
Descripción similar - AME1085 |