Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT5407WFILM Datasheet(PDF) 2 Page - STMicroelectronics |
|
BAT5407WFILM Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 13 page Characteristics BAT54 2/13 Doc ID 5505 Rev 10 1 Characteristics Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 40 V IF Continuous forward current 300 mA IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 1 A Tstg Storage temperature range -65 to +150 °C Tj Operating junction temperature range -40 to +150 °C TL Maximum soldering temperature 260 °C Table 3. Thermal parameters Symbol Parameter Value Unit Rth(j-a) Junction to ambient(1) 1. Epoxy printed circuit board with recommended pad layout SOT-23, SOD-123 500 °C/W SOT-323, SOD-323, 550 SOD-523, SOT-666 600 Table 4. Static electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit IR (1) 1. Pulse test: tp = 5 ms, δ < 2 % Reverse leakage current Tj = 25 °C VR = 30 V 1 µA Tj = 100 °C 100 VF (2) 2. Pulse test: tp = 380 µs, δ < 2 % Forward voltage drop Tj = 25 °C IF = 0.1 mA 240 mV IF = 1 mA 320 IF = 10 mA 400 IF = 30 mA 500 IF = 100 mA 900 Table 5. Dynamic characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit C Diode capacitance VR = 1 V, F = 1 MHz 7 10 pF trr Reverse recovery time IF = 10 mA, IR = 10 mA, Tj = 25 °C Irr = 1 mA, RL = 100 Ω 5ns |
Número de pieza similar - BAT5407WFILM |
|
Descripción similar - BAT5407WFILM |