Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7LX1108WBG Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TC7LX1108WBG Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 16 page TC7LX1108WBG 3 7. 7. 7. 7. Internal Equivalent Circuit Internal Equivalent Circuit Internal Equivalent Circuit Internal Equivalent Circuit The TC7LX1108WBG does not have a control signal that controls the direction of data flow between A and B. In a DC state, the output circuit holds either High or Low level, but since it is designed to have a weak drive strength (with a typical output resistance of 5.5 kΩ), an overdrive signal from the external driver can change the direction of data flow. The output one-shot circuits detect either a rising or falling edge on the A or B port. During the rise time, the output one-shot circuit associated with the PMOS transistors turns it on for a certain period to speed up a transition from Low to High. Likewise, during the fall time, the output one-shot circuit associated with the NMOS transistors turns it on to speed up a transition from High to Low. Fig. Fig. Fig. Fig. 7.1 7.1 7.1 7.1 Internal Equivalent Circuit Internal Equivalent Circuit Internal Equivalent Circuit Internal Equivalent Circuit 8. 8. 8. 8. Principle of Operation Principle of Operation Principle of Operation Principle of Operation 8.1. 8.1. 8.1. 8.1. Truth Table Truth Table Truth Table Truth Table Input OE H L Function A port = B port Disconnect 2011-06-17 Rev.1.0 |
Número de pieza similar - TC7LX1108WBG |
|
Descripción similar - TC7LX1108WBG |