Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDMSP10-0504M Datasheet(PDF) 4 Page - Bourns Electronic Solutions |
|
CDMSP10-0504M Datasheet(HTML) 4 Page - Bourns Electronic Solutions |
4 / 6 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications CDMSP10-0504M – Surface Mount TVS Diode Array Characteristic Curves Frequency (Hz) 9 6 3 0 -3 -6 -9 -12 -15 -18 -21 -24 -27 -30 1 θ+8 1 θ+9 VDD = 5 V 3 GHz -0.455 dB 3.45 GHz -3 dB Frequency (Hz) 40 20 0 -20 -40 -60 -80 -100 1 θ+8 1 θ+9 VDD = 5 V Frequency (Hz) 9 6 3 0 -3 -6 -9 -12 -15 -18 -21 -24 -27 -30 1 θ+8 1 θ+9 VDD = floated 2.9 GHz -3 dB Transmission Line Pulsing (TLP) Voltage (V) 18 12 2 4 6 8 10 14 16 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Frequency (Hz) 40 20 0 -20 -40 -60 -80 -100 1 θ+8 1 θ+9 VDD = floated I/O to GND Transmission Line Pulsing (TLP) Voltage (V) 18 12 2 4 6 8 10 14 16 0 01 2 3 4 5 6 7 8 910 VDD to GND Insertion Loss S21 (I/O-to-GND) Analog Cross Talk Insertion Loss S21 (I/O-to-GND) Analog Cross Talk Transmission Line Pulsing (TLP) Measurement Transmission Line Pulsing (TLP) Measurement |
Número de pieza similar - CDMSP10-0504M |
|
Descripción similar - CDMSP10-0504M |