Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1223 Datasheet(PDF) 3 Page - Microchip Technology |
|
TC1223 Datasheet(HTML) 3 Page - Microchip Technology |
3 / 14 page © 2002 Microchip Technology Inc. DS21368B-page 3 TC1223/TC1224 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: PIN FUNCTION TABLE Pin No. (5-Pin SOT-23A) Symbol Description 1VIN Unregulated supply input. 2 GND Ground terminal. 3 SHDN Shutdown control input. The regulator is fully enabled when a logic high is applied to this input. The regulator enters shutdown when a logic low is applied to this input. During shutdown, output voltage falls to zero and supply current is reduced to 0.5 µA(max). 4 NC No connect. 5VOUT Regulated voltage output. |
Número de pieza similar - TC1223 |
|
Descripción similar - TC1223 |