Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX232NG4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza MAX232NG4
Descripción Electrónicos  DUAL ELA-232 DRIBERS/RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232NG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX232NG4 Datasheet HTML 2Page - Texas Instruments MAX232NG4 Datasheet HTML 3Page - Texas Instruments MAX232NG4 Datasheet HTML 4Page - Texas Instruments MAX232NG4 Datasheet HTML 5Page - Texas Instruments MAX232NG4 Datasheet HTML 6Page - Texas Instruments MAX232NG4 Datasheet HTML 7Page - Texas Instruments MAX232NG4 Datasheet HTML 8Page - Texas Instruments MAX232NG4 Datasheet HTML 9Page - Texas Instruments MAX232NG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MAX232, MAX232I
DUAL EIA232 DRIVERS/RECEIVERS
SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
T1IN or T2IN
T1OUT or T2OUT
CL = 10 pF
(see Note B)
TEST CIRCUIT
≤10 ns
≤10 ns
Input
Output
tPHL
tPLH
VOL
VOH
0 V
3 V
10%
90%
50%
5
µs
WAVEFORMS
90%
50%
10%
RL
90%
10%
90%
10%
tTLH
tTHL
SR
+
0.8 (V
OH
–V
OL
)
t
TLH
or
0.8 (V
OL
–V
OH
)
t
THL
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B. CL includes probe and jig capacitance.
Pulse
Generator
(see Note A)
EIA-232 Output
Figure 2. Driver Test Circuit and Waveforms for tPHL and tPLH Measurements (5-µs Input)
EIA-232 Output
−3 V
3 V
−3 V
3 V
3 k
10%
1.5 V
90%
WAVEFORMS
20
µs
1.5 V
90%
10%
VOH
VOL
tTLH
tTHL
≤10 ns
≤10 ns
TEST CIRCUIT
CL = 2.5 nF
Pulse
Generator
(see Note A)
Input
Output
SR
+
6V
t
THL
or t
TLH
NOTE A:
The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
Figure 3. Test Circuit and Waveforms for tTHL and tTLH Measurements (20-µs Input)


Número de pieza similar - MAX232NG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX232N TI-MAX232N Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
MAX232N TI-MAX232N Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232N TI-MAX232N Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232NE4 TI-MAX232NE4 Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
MAX232NE4 TI-MAX232NE4 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Descripción similar - MAX232NG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
412Kb / 14P
[Old version datasheet]   DUAL ELA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
logo
Texas Instruments
TPS2811 TI1-TPS2811_13 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIBERS
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com