Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VZ25R201KBS Datasheet(PDF) 7 Page - World Produts Inc. |
|
VZ25R201KBS Datasheet(HTML) 7 Page - World Produts Inc. |
7 / 65 page Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 Metal Oxide Varistors | 5 NOTES: (1) N/A - Denotes “not applicable” . (2) 32mm (wire lead type - suffix “KW”) is not recognized at this time . The following types are not CUL recognized: 32mm (122K & 152K), 34mm (single disk - 122K), 34mm (dual disk - 122K), 40mm (122K & 152K), 53mm (301K thru 471K) . (3) IEC 61051-1:2007-04, IEC 61051-2:1991-01, IEC 61051-2-2: 1991-01 *UL 1449 3rd Edition parts are recognized to SPD Application Category Types: VZ05-VZ10 both “D” & “E” types (ALL), VZ14D (ALL), VZ14E (180-680 values only), and VZ20D (180-680 values only) . – other. VZ14E (820-112 values only) – Type 3 . VZ20D (820-112 values only) – Type 2 . VZ18E, VZ 20E and VZ25D – Type 2 . VZ32D - VZ53D – Type 1 . **Metal Oxide Varistors will not be recognized to UL1414 from December 25, 2013 . Approvals stated above are for “series types” as stated . Modification to the above “series types” denoted by special suffixes may vary with regards to above stated approvals . Please consult the Part Numbering System portion of the catalog for this information . Approvals APPROVAL & FILE # DISK SIZE / SERIES 18mm “E” Series 20mm “D” Series 20mm “E” Series 25mm “D” Series 25mm “R” Series 32mm 34mm 40mm 53mm TYPE TYPE TYPE TYPE TYPE TYPE TYPE TYPE TYPE PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS PB RoHS UL/CUL 1449 3RD EDITION, FILE#…E321567* N/A (1) √ N/A (1) √ N/A (1) √ N/A (1) √ N/A (1) √ N/A (1) √ (2) N/A (1) √ (2) N/A (1) √ (2) N/A (1) √ (2) UL1414** (VALUES ≥201K) FILE #E71602 √ √ √ √ √ √ VALUES 301K, 911K, 102K, 112K NOT APPROVED CSA 22 .1 #1 (VALUES ≥201K) FILE #227006 √ √ √ √ √ √ √ √ VALUES 301K, 621K, 681K, 751K, 781K, 911K, 102K, 112K NOT APPROVED VALUE 181K NOT APPROVED CSA 22 .2 #1 FILE #241120 √ √ √ √ √ √ √ √ VDE FILE #40012632 √ √ VDE FILE #40012630 √ √ VALUES 301K, 621K, 681K, 751K, 781K, 911K, 102K, 112K NOT APPROVED VDE FILE #40028559 ANNEX Q (3) N/A (1) √ N/A (1) √ VDE FILE #40028554 ANNEX Q (3) COMPLIES WITH UL ACCELER- ATED AGING TEST PU: ANSI/ IEEE C62 .11 FILE #E196885 √ √ √ √ √ √ √ √ VALUES 301K, 621K, 681K, 751K, 781K, 911K, 102K, 112K NOT APPROVED VALUE 181K NOT APPROVED COMPLIES WITH UL ACCELER- ATED AGING TEST PER: ANSI/ IEEE C62 .11 FILE #E321567 N/A (1) VALUES 820K - 241K NOT AP- PROVED N/A (1) N/A (1) VALUES 820K & 751K - 112K ONLY N/A (1) √ N/A (1) N/A (1) N/A (1) N/A (1) |
Número de pieza similar - VZ25R201KBS |
|
Descripción similar - VZ25R201KBS |