Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV160BB80RFEB Datasheet(PDF) 1 Page - Advanced Micro Devices |
|
AM29LV160BB80RFEB Datasheet(HTML) 1 Page - Advanced Micro Devices |
1 / 46 page PRELIMINARY Publication# 21358 Rev: F Amendment/+2 Issue Date: March 1998 Am29LV160B 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory DISTINCTIVE CHARACTERISTICS s Single power supply operation — Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications — Regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors s Manufactured on 0.35 µm process technology s Supports Common Flash Memory Interface (CFI) s High performance — Full voltage range: access times as fast as 90 ns — Regulated voltage range: access times as fast as 80 ns s Ultra low power consumption (typical values at 5 MHz) — 200 nA Automatic Sleep mode current — 200 nA standby mode current — 9 mA read current — 20 mA program/erase current s Flexible sector architecture — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and thirty-one 64 Kbyte sectors (byte mode) — One 8 Kword, two 4 Kword, one 16 Kword, and thirty-one 32 Kword sectors (word mode) — Supports full chip erase — Sector Protection features: A hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked in-system or via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors s Unlock Bypass Program Command — Reduces overall programming time when issuing multiple program command sequences s Top or bottom boot block configurations available s Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses s Minimum 1,000,000 write cycle guarantee per sector s Package option — 48-ball FBGA — 48-pin TSOP — 44-pin SO s CFI (Common Flash Interface) compliant — Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices s Compatibility with JEDEC standards — Pinout and software compatible with single- power supply Flash — Superior inadvertent write protection s Data# Polling and toggle bits — Provides a software method of detecting program or erase operation completion s Ready/Busy# pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion (not available on 44-pin SO) s Erase Suspend/Erase Resume — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation s Hardware reset pin (RESET#) — Hardware method to reset the device to reading array data |
Número de pieza similar - AM29LV160BB80RFEB |
|
Descripción similar - AM29LV160BB80RFEB |