Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3444MAX Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM3444MAX
Descripción Electrónicos  AC-DC Offline LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444MAX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3444MAX Datasheet HTML 5Page - Texas Instruments LM3444MAX Datasheet HTML 6Page - Texas Instruments LM3444MAX Datasheet HTML 7Page - Texas Instruments LM3444MAX Datasheet HTML 8Page - Texas Instruments LM3444MAX Datasheet HTML 9Page - Texas Instruments LM3444MAX Datasheet HTML 10Page - Texas Instruments LM3444MAX Datasheet HTML 11Page - Texas Instruments LM3444MAX Datasheet HTML 12Page - Texas Instruments LM3444MAX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VVF-CAP =
2
VAC-RMS
2
+
+
D3
C7
C9
C10
D4
D8
VBUCK
V+
+
-
+
-
2
VBUCK
2
VBUCK
+
+
D3
C7
C8
C9
C10
D4
D5
D6
D7
D8
R7
R8
D9
R6
VBUCK
V+
+
+
D3
C7
C9
C10
D4
D8
D9
R7
R6
R8
VBUCK
V+
LM3444
www.ti.com
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
Figure 12. Two and Three Stage Valley Fill Circuit
The valley-fill circuit allows the buck regulator to draw power throughout a larger portion of the AC line. This
allows the capacitance needed at VBUCK to be lower than if there were no valley-fill circuit, and adds passive
power factor correction (PFC) to the application.
VALLEY-FILL OPERATION
When the “input line is high”, power is derived directly through D3. The term “input line is high” can be explained
as follows. The valley-fill circuit charges capacitors C7 and C9 in series (Figure 13) when the input line is high.
Figure 13. Two stage Valley-Fill Circuit when AC Line is High
The peak voltage of a two stage valley-fill capacitor is:
(1)
As the AC line decreases from its peak value every cycle, there will be a point where the voltage magnitude of
the AC line is equal to the voltage that each capacitor is charged. At this point diode D3 becomes reversed
biased, and the capacitors are placed in parallel to each other (Figure 14), and VBUCK equals the capacitor
voltage.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3444


Número de pieza similar - LM3444MAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3444MAX TI-LM3444MAX Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MAX/NOPB TI1-LM3444MAX/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

Descripción similar - LM3444MAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com