Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74CBTD16211DGVRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
74CBTD16211DGVRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 12 page SN74CBTD16211 24-BIT FET BUS SWITCH WITH LEVEL SHIFTING SCDS048H – MARCH 1998 – REVISED JULY 2002 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 4.5 5.5 V VIH High-level control input voltage 2 V VIL Low-level control input voltage 0.8 V TA Operating free-air temperature –40 85 °C In applications with fast edge rates, multiple outputs switching, and operating at high frequencies, the output may have little or no level-shifting effect. NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 V VOH See Figure 2 II VCC = 5.5 V, VI = 5.5 V or GND ±1 µA ICC VCC = 5.5 V, IO = 0, VI = VCC or GND 1.5 mA ∆ICC‡ Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA Ci Control inputs VI = 3 V or 0 3 pF Cio(OFF) VO = 3 V or 0, OE = VCC 5.5 pF § VI =0 II = 64 mA 5 7 ron§ VCC = 4.5 V VI = 0 II = 30 mA 5 7 Ω VI = 2.4 V, II = 15 mA 35 50 † All typical values are at VCC = 5 V, TA = 25°C. ‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. § Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lowest voltage of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX UNIT tpd¶ A or B B or A 0.25 ns ten OE A or B 1.5 9.8 ns tdis OE A or B 1.5 8.9 ns ¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
Número de pieza similar - 74CBTD16211DGVRG4 |
|
Descripción similar - 74CBTD16211DGVRG4 |