Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX2VSM Datasheet(PDF) 2 Page - STATEK CORPORATION

No. de pieza CX2VSM
Descripción Electrónicos  Miniature Surface Mount Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STATEK [STATEK CORPORATION]
Página de inicio  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX2VSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX2VSM Datasheet HTML 1Page - STATEK CORPORATION CX2VSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10134 - Rev C
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
16 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Standard Calibration Tolerance1 (see table below)
Motional Resistance, (R1)
See Figure 1
MAX: 16-24.9 kHz, 2x Typ.
25-600 kHz, 2.5x Typ.
Motional Capacitance, (C1) Figure 2
Quality Factor, (Q)
Figure 3
MIN is 0.25x Typ.
Shunt Capacitance, (C0)
2.0 pF MAX.
Drive Level
16-24.9 kHz 0.5 µW MAX
25-600 kHz 1.0 µW MAX
Turning Point, (T0)2
Figure 4
Temperature Coefficient, (k) -0.035 ppm/OC2
Aging, first year
5 ppm MAX
Shock, survival3
1,500 g, 0.3 ms, 1/2 sine
Vibration, survival3
10 g RMS, 20-2,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Tighter frequency calibration available.
2. Other turning point available.
3. Higher shock and vibration available.
CX2V Standard Calibration Tolerance at 250C
Frequency Range (kHz)
16-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
Load Capacitance (CL), Used to Calibrate CX2V
(other CL available)
Frequency Load
Frequency
Load
Range
Capacitance
Range
Capacitance
(kHz)
(pF)
(kHz)
(pF)
16-24.9
10
100.1-179.9
5
25-54.9
9
180-600
4
55-100.0
8
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CX2VSM CRYSTALS
CX2V
S
C
SM1
32.768K
,
30
/
I
PACKAGING OPTIONS
CX2VSM
- Tray Pack
-16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
FIGURE 1
CX2V TYPICAL MOTIONAL RESISTANCE (R1)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
“S” if special or
custom design.
Blank if Srd.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
K = kHz
Calibration
Tolerance
@ 25OC
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
f-f0
=
k(T-T0)
2
f0
FIGURE 2
CX2V TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX2V TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX2V TYPICAL TURNING POINT TEMP. (T
0)
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)


Número de pieza similar - CX2VSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
EUROQUARTZ limited
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
logo
RSG Electronic Componen...
CX2VSM1 RSG-CX2VSM1 Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM2 RSG-CX2VSM2 Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Descripción similar - CX2VSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1VSM RSG-CX1VSM Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM_08 Datasheet
128Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1VSM STATEK-CX1VSM Datasheet
480Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com