Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN7416N Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN7416N Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page SN5407, SN5417, SN7407, SN7417 HEX BUFFERS/DRIVERS WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS SDLS032G − DECEMBER 1983 − REVISED MAY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) These circuits are completely compatible with most TTL families. Inputs are diode clamped to minimize transmission-line effects, which simplifies design. Typical power dissipation is 145 mW, and average propagation delay time is 14 ns. logic diagram, each buffer/driver (positive logic) AY schematic Resistor values shown are nominal. 6 k Ω Input A Output Y GND VCC 3.4 k Ω 1.6 k Ω 100 Ω 1 k Ω absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage, VO (see Notes 1 and 2): SN5407, SN7407 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN5417, SN7417 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to GND. 2. This is the maximum voltage that should be applied to any output when it is in the off state. 3. The package thermal impedance is calculated in accordance with JESD 51-7. |
Número de pieza similar - SN7416N |
|
Descripción similar - SN7416N |