Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVT125BQ Datasheet(PDF) 2 Page - NXP Semiconductors |
|
74LVT125BQ Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 16 page 74LVT_LVTH125_6 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 06 — 6 March 2006 2 of 16 Philips Semiconductors 74LVT125; 74LVTH125 3.3 V quad buffer; 3-state 4. Ordering information Ci input capacitance VI = 0 V or 3.0 V - 4 - pF Co output capacitance outputs disabled; VO = 0 V or 3.0 V -8 -pF ICC quiescent supply current outputs disabled; VCC = 3.6 V - 0.13 - mA Table 1. Quick reference data …continued GND = 0 V; Tamb =25 °C. Symbol Parameter Conditions Min Typ Max Unit Table 2. Ordering information Type number Package Temperature range Name Description Version 74LVT125D −40 °C to +85 °C SO14 plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 74LVT125DB −40 °C to +85 °C SSOP14 plastic shrink small outline package; 14 leads; body width 5.3 mm SOT337-1 74LVT125PW −40 °C to +85 °C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74LVT125BQ −40 °C to +85 °C DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 × 3 × 0.85 mm SOT762-1 74LVTH125D −40 °C to +85 °C SO14 plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 74LVTH125DB −40 °C to +85 °C SSOP14 plastic shrink small outline package; 14 leads; body width 5.3 mm SOT337-1 74LVTH125PW −40 °C to +85 °C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74LVTH125BQ −40 °C to +85 °C DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 × 3 × 0.85 mm SOT762-1 |
Número de pieza similar - 74LVT125BQ |
|
Descripción similar - 74LVT125BQ |