Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54CLT1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BAT54CLT1G
Descripción Electrónicos  Dual Common Cathode Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54CLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAT54CLT1G Datasheet HTML 1Page - ON Semiconductor BAT54CLT1G Datasheet HTML 2Page - ON Semiconductor BAT54CLT1G Datasheet HTML 3Page - ON Semiconductor BAT54CLT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54CLT1G, SBAT54CLT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
30
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage
(VR = 25 V)
IR
0.5
2.0
mA
Forward Voltage
(IF = 0.1 mAdc)
VF
0.22
0.24
V
Forward Voltage
(IF = 30 mAdc)
VF
0.41
0.5
V
Forward Voltage
(IF = 100 mAdc)
VF
0.52
0.8
V
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc, Figure 1)
trr
5.0
ns
Forward Voltage
(IF = 1.0 mAdc)
VF
0.29
0.32
V
Forward Voltage
(IF = 10 mAdc)
VF
0.35
0.40
V
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820 W
0.1 mF
DUT
VR
100 mH
0.1 mF
50 W OUTPUT
PULSE
GENERATOR
50 W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Número de pieza similar - BAT54CLT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BAT54CLT1G ONSEMI-BAT54CLT1G Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
BAT54CLT1G ONSEMI-BAT54CLT1G Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
BAT54CLT1G ONSEMI-BAT54CLT1G Datasheet
90Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
October, 2016 ??Rev. 10
More results

Descripción similar - BAT54CLT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NSR30CM3 ONSEMI-NSR30CM3 Datasheet
57Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
December, 2016 ??Rev. 5
BAT54CL ONSEMI-BAT54CL Datasheet
90Kb / 4P
   Dual Common Cathode Schottky Barrier Diodes
October, 2016 ??Rev. 10
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020_11 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes ??Common Cathode
SBCT1020 DIOTEC-SBCT1020_13 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2020 DIOTEC-SBCT2020_13 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes . Common Cathode
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes - Common Cathode
SBCJ1020 DIOTEC-SBCJ1020 Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Diodes - Common Cathode
logo
ON Semiconductor
NSR0115CQP6T5G ONSEMI-NSR0115CQP6T5G Datasheet
127Kb / 4P
   Common Cathode Schottky Diodes
August, 2013 ??Rev. 0
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
   DUAL DIODES - CATHODE COMMON
logo
Central Semiconductor C...
CMPSH-3CG CENTRAL-CMPSH-3CG Datasheet
397Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com