Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP3003-DL-1E Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza SMP3003-DL-1E
Descripción Electrónicos  P-Channel Power MOSFET 75V, 100A, 8.0m, TO-263-2L/TO-263
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMP3003-DL-1E Datasheet(HTML) 6 Page - ON Semiconductor

  SMP3003-DL-1E Datasheet HTML 1Page - ON Semiconductor SMP3003-DL-1E Datasheet HTML 2Page - ON Semiconductor SMP3003-DL-1E Datasheet HTML 3Page - ON Semiconductor SMP3003-DL-1E Datasheet HTML 4Page - ON Semiconductor SMP3003-DL-1E Datasheet HTML 5Page - ON Semiconductor SMP3003-DL-1E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMP3003
PS No. A1655-6/6
Note on usage : Since the SMP3003 is a MOSFET product, please avoid using this device in the vicinity of
highly charged objects.
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
Ordering & Package Information
Marking
Device
Package
Shipping
memo
SMP3003-DL-1E
TO-263-2L
SC-83, TO-263
800
pcs./reel
Pb-Free
SMP3003-TL-1E
TO-263
Fig.1 Unclamped Inductive Switching Test Circuit
Fig.2 Switching Time Test Circuit
Fig.3 Reverse Recovery Time Test Circuit
MP3003
LOT No.
50Ω
0V
--10V
≥50Ω
RG
VDD
L
SMP3003
G
S
D
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --50A
RL=0.96Ω
VDD= --48V
VOUT
VIN
0V
--10V
VIN
SMP3003
VDD
SMP3003
L
Driver MOSFET
G
S
D


Número de pieza similar - SMP3003-DL-1E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
405Kb / 5P
   General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003_11 Datasheet
405Kb / 5P
   General-Purpose Switching Device Applications
More results

Descripción similar - SMP3003-DL-1E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ZP Semiconductor
CJB01N65B ZPSEMI-CJB01N65B Datasheet
345Kb / 2P
   TO-263-2L Plastic-Encapsulate MOSFETS
CJB02N65 ZPSEMI-CJB02N65 Datasheet
335Kb / 2P
   TO-263-2L Plastic-Encapsulate MOSFETS
CJ7812-TO263-2L ZPSEMI-CJ7812-TO263-2L Datasheet
1,021Kb / 2P
   TO-263-2L Plastic-Encapsulate Voltage Regulators
CJ7805-TO263-2L ZPSEMI-CJ7805-TO263-2L Datasheet
684Kb / 1P
   TO-263-2L Plastic-Encapsulate Voltage Regulators
logo
Xian Semipower Electron...
SW035R08ET SEMIPOWER-SW035R08ET Datasheet
756Kb / 6P
   N-channel Enhanced mode TO-263 MOSFET
SW7N65DW SEMIPOWER-SW7N65DW Datasheet
617Kb / 6P
   N-channel Enhanced mode TO-263 MOSFET
SW031R06ET SEMIPOWER-SW031R06ET Datasheet
728Kb / 6P
   N-channel Enhanced mode TO-220/TO-263 MOSFET
SW090R08ET SEMIPOWER-SW090R08ET Datasheet
812Kb / 6P
   N-channel Enhanced mode TO-220/TO-263 MOSFET
SW045R08ET SEMIPOWER-SW045R08ET Datasheet
665Kb / 6P
   N-channel Enhanced mode TO-263 MOSFET
SW072R08ET SEMIPOWER-SW072R08ET Datasheet
841Kb / 6P
   N-channel Enhanced mode TO-263/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com