Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL5812N Datasheet(PDF) 5 Page - Texas Instruments |
|
TL5812N Datasheet(HTML) 5 Page - Texas Instruments |
5 / 8 page TL5812, TL5812l VACUUM FLUORESCENT DISPLAY DRIVERS SLDS011B − OCTOBER 1985 − REVISED MAY 1993 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics over operating free-air temperature range, VDD = 5 V to 15 V, VBB = 60 V (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT Q outputs IOH = − 25 mA 57.5 58.2 VOH High-level output SERIAL DATA OUT VCC1 = 5 V, IOH = − 20 µA 4.5 4.9 V VOH High-level output SERIAL DATA OUT VCC1 = 15 V, IOH = − 20 µA 14.5 14.9 V Q outputs IOL = 1 mA, BLANKING at VCC1 0.7 1.5 VOL Low-level output voltage SERIAL DATA OUT VCC1 = 5 V, IOL = 20 µA 0.06 0.3 V VOL Low-level output voltage SERIAL DATA OUT VCC1 = 15 V, IOL = 20 µA 0.03 0.3 V IIH High-level input current VI = VCC1 0.3 1 µA IIL Low-level input current VI = 0 − 0.3 −1 µA IOL Low-level output current (pulldown current) VO = 60 V, BLANKING at VCC1 2.5 3.2 µA IO(off) Off-state output current VO = 0, BLANKING at VCC1 < − 1 −15 µA ICC2 Supply current from VCC2 Outputs high 3.5 8 mA ICC2 Supply current from VCC2 Outputs low 0.02 0.5 mA ICC1 Supply current from VCC1 VCC1 = 5 V 1.5 3 mA ICC1 Supply current from VCC1 VCC1= 15 V 1.7 4 mA ‡ All typical characteristics are at TA= 25°C. timing requirements over operating free-air temperature range MIN MAX UNIT tw(CKH) Pulse duration, CLOCK high VCC1 = 5 V 500 ns tw(CKH) Pulse duration, CLOCK high VCC1 = 15 V 100 ns tw(LEH) Pulse duration, LATCH ENABLE high VCC1 = 5 V 500 ns tw(LEH) Pulse duration, LATCH ENABLE high VCC1 = 15 V 100 ns tsu(D) Setup time, DATA IN before CLOCK ↑ VCC1 = 5 V 150 ns tsu(D) Setup time, DATA IN before CLOCK ↑ VCC1 = 15 V 75 ns th(D) Hold time, DATA IN after CLOCK ↑ VCC1 = 5 V 150 ns th(D) Hold time, DATA IN after CLOCK ↑ VCC1 = 15 V 75 ns td(CKH-LEH) Delay time, CLOCK↑ to LATCH ENABLE high VCC1 = 5 V 150 ns td(CKH-LEH) Delay time, CLOCK↑ to LATCH ENABLE high VCC1 = 15 V 75 ns switching characteristics, VBB = 60 V, TA = 25°C PARAMETER MIN TYP MAX UNIT tpd Propagation delay time, LATCH ENABLE to Q outputs VCC1 = 5 V 2.2 s tpd Propagation delay time, LATCH ENABLE to Q outputs VCC1 = 15 V 0.8 µs |
Número de pieza similar - TL5812N |
|
Descripción similar - TL5812N |