Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5921 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC5921
Descripción Electrónicos  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5921 Datasheet HTML 2Page - Texas Instruments TLC5921 Datasheet HTML 3Page - Texas Instruments TLC5921 Datasheet HTML 4Page - Texas Instruments TLC5921 Datasheet HTML 5Page - Texas Instruments TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments TLC5921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, MIN/MAX: VCC = 4.5 V to 5.5 V, TA = – 20 to 85°C
TYP: VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 1 mA
VCC
–0.5V
V
VOL
Low-level output voltage
IOL = 1 mA
0.5
V
II
Input current
VI = VCC or GND (except BLANK, XLAT)
± 1
µA
Input signal is static, VO = 1 V,
R(IREF) = 10 kΩ,
All output bits turn off
3
4.5
Input signal is static, VO = 1 V
RIREF = 1300 Ω,
All output bits turn off
7
9
ICC
Supply current
Input signal is static, VO = 1 V,
R(IREF) = 640 Ω,
All output bits turn off
11
15
mA
Data transfer,
VO = 1 V,
R(IREF) = 1300 Ω, All output bits turn on
15
20
Data transfer,
VO = 1 V,
R(IREF) = 640 Ω,
All output bits turn on
35
50
IOL(C1)
Constant output current
VO = 1 V,
R(IREF) = 1300 Ω
35
40
45
mA
IOL(C2)
Constant output current
VO = 1 V
R(IREF) = 640 Ω
70
80
90
mA
Ilk
Constant output leakage current
OUT0 to OUT15 (V(OUTn) = 15 V)
0.1
µA
Ilkg
Constant output leakage current
XDOWN (5V pullup)
1
µA
∆IO(LC)
Constant output current error between bit
VO = 1 V,
R(IREF) = 640 Ω,
All output bits turn on
± 1
± 4
%
I
∆O(LC1)
Changes in constant output current
depend on supply voltage
Vref = 1.3 V
± 1
± 4
%/V
I
∆O(LC2)
Changes in constant output current
depend on output voltage
VO = 1 V to 3 V,
R(IREF) = 1300 Ω,
Vref = 1.3 V,
1 bit output turn on
± 2
± 6
%/V
T(tsd)
TSD detection temperature
Junction temperature
150
160
170
°C
Vref
Reference voltage
R(IREF) = 640 Ω
1.3
V
V(LEDDET)
LED disconnection detection voltage
0.3
V
switching characteristics, CL = 15 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Rise time
SOUT
15
20
ns
tr
Rise time
OUTn (see Figure 1)
300
ns
tf
Fall time
SOUT
5
15
ns
tf
Fall time
OUTn
300
ns
BLANK
↑ – OUTn
400
650
BLANK
↓ – OUTn
300
400
tpd
Propagation delay time
BLANK
↑ – XDOWN (see Note 2)
600
1000
ns
BLANK
↓ – XDOWN (see Note 2)
500
1000
SCLK – SOUT
10
20
35
NOTE 2: At external resistor 5 k


Número de pieza similar - TLC5921

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5921 TI-TLC5921 Datasheet
214Kb / 14P
[Old version datasheet]   LED DRIVER
TLC5921 TI-TLC5921 Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921 TI1-TLC5921 Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
TLC59210 TI-TLC59210 Datasheet
347Kb / 13P
[Old version datasheet]   8-BIT DMOS SINK DRIVER WITH LATCH
TLC59210 TI1-TLC59210 Datasheet
908Kb / 22P
[Old version datasheet]   8-BIT DMOS Sink Driver With Latch
More results

Descripción similar - TLC5921

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com