Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC1079CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC1079CD
Descripción Electrónicos  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC1079CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC1079CD Datasheet HTML 4Page - Texas Instruments TLC1079CD Datasheet HTML 5Page - Texas Instruments TLC1079CD Datasheet HTML 6Page - Texas Instruments TLC1079CD Datasheet HTML 7Page - Texas Instruments TLC1079CD Datasheet HTML 8Page - Texas Instruments TLC1079CD Datasheet HTML 9Page - Texas Instruments TLC1079CD Datasheet HTML 10Page - Texas Instruments TLC1079CD Datasheet HTML 11Page - Texas Instruments TLC1079CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature
TLC1079C
PARAMETER
TEST CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
25
°C
190
850
200
1150
µV
VIO
Input offset voltage
VO = 1.4 V, VIC = 0,
Full range
1200
1500
µV
αVIO
Temperature coefficient of
input offset voltage
RS = 50 Ω,
RI = 1 MΩ
25
°C to
70
°C
1.1
1
µV/°C
IIO
Input offset current
25
°C
0.1
60
0.1
60
pA
IIO
(see Note 4)
VO = VDD / 2,
70
°C
7
300
7
300
pA
IIB
Input bias current
ODD
,
VIC = VDD / 2
25
°C
0.6
60
0.7
60
pA
IIB
(see Note 4)
70
°C
40
600
50
600
pA
VICR
Common mode input
25
°C
– 0.2
to 4
– 0.3
to 4.2
– 0.2
to 9
– 0.3
to 9.2
V
VICR
voltage range (see Note 5)
Full range
– 0.2
to 3.5
– 0.2
to 8.5
V
V
100
V
25
°C
3.2
4.1
8.2
8.9
VOH
High-level output voltage
VID = 100 mV,
RL =1MΩ
0
°C
3.2
4.1
8.2
8.9
V
RL = 1 MΩ
70
°C
3.2
4.2
8.2
8.9
V
100
V
25
°C
0
25
0
25
VOL
Low-level output voltage
VID = –100 mV,
IOL =0
0
°C
0
25
0
25
mV
IOL = 0
70
°C
0
25
0
25
L
i
l diff
ti l
25
°C
250
525
500
850
AVD
Large-signal differential
voltage amplification
RL = 1 MΩ, See Note 6
0
°C
250
700
500
1010
V/mV
voltage am lification
70
°C
200
380
350
660
Cd
j
ti
25
°C
70
95
75
97
CMRR
Common mode rejection
ratio
VIC = VICRmin
0
°C
70
95
75
97
dB
ratio
70
°C
70
95
75
97
S
l
lt
j
ti
V
5Vt 10 V
25
°C
75
98
75
98
kSVR
Supply-voltage rejection
ratio (
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO =1 4V
0
°C
75
98
75
98
dB
ratio (
∆VDD/∆VIO)
VO = 1.4 V
70
°C
75
98
75
98
Supply current (four
VV
/ 2
25
°C
40
68
57
92
IDD
Supply current (four
amplifiers)
VO = VDD / 2,
VIC = VDD / 2, No load
0
°C
48
84
72
132
µA
am lifiers)
VIC = VDD / 2, No load
70
°C
31
56
44
80
† Full range is 0
°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.


Número de pieza similar - TLC1079CD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC1079CD TI-TLC1079CD Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results

Descripción similar - TLC1079CD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com