Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2652AIPE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
TLC2652AIPE4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 39 page TLC2652, TLC2652A, TLC2652Y Advanced LinCMOS PRECISION CHOPPERSTABILIZED OPERATIONAL AMPLIFIERS SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage VDD+ (see Note 1) 8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage VDD− (see Note 1) −8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±16 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (any input, see Note 1) ±8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range on CLK IN and INT/EXT VDD − to VDD− + 5.2 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (each input) ±5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit current at (or below) 25 °C (see Note 3) unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into CLK IN and INT/EXT ±5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Q suffix −40 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M suffix −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds: FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or P package 260 °C . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J or JG package 300 °C . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VDD + and VDD −. 2. Differential voltages are at IN+ with respect to IN −. 3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 85°C TA = 125°C PACKAGE TA ≤ 25 C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70 C POWER RATING TA = 85 C POWER RATING TA = 125 C POWER RATING D008 725 mV 5.8 mW/ °C 464 mW 377 mW 145 mW D014 950 mV 7.6 mW/ °C 608 mW 494 mW 190 mW FK 1375 mV 11.0 mW/ °C 880 mW 715 mW 275 mW J 1375 mV 11.0 mW/ °C 880 mW 715 mW 275 mW JG 1050 mV 8.4 mW/ °C 672 mW 546 mW 210 mW N 1575 mV 12.6 mW/ °C 1008 mW 819 mW 315 mW P 1000 mV 8.0 mW/ °C 640 mW 520 mW 200 mW recommended operating conditions C SUFFIX I SUFFIX Q SUFFIX M SUFFIX UNIT MIN MAX MIN MAX MIN MAX MIN MAX UNIT Supply voltage, VDD ± ±1.9 ±8 ±1.9 ±8 ±1.9 ±8 ±1.9 ±8 V Common-mode input voltage, VIC VDD − VDD + −1.9 VDD − VDD + −1.9 VDD − VDD + −1.9 VDD − VDD + −1.9 V Clock input voltage VDD − VDD − +5 VDD − VDD − +5 VDD − VDD − +5 VDD − VDD − +5 V Operating free-air temperature, TA 0 70 −40 85 −40 125 −55 125 °C |
Número de pieza similar - TLC2652AIPE4 |
|
Descripción similar - TLC2652AIPE4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |