Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC339MN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC339MN
Descripción Electrónicos  LinCOMS MICROPOWER QUAD COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC339MN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC339MN Datasheet HTML 3Page - Texas Instruments TLC339MN Datasheet HTML 4Page - Texas Instruments TLC339MN Datasheet HTML 5Page - Texas Instruments TLC339MN Datasheet HTML 6Page - Texas Instruments TLC339MN Datasheet HTML 7Page - Texas Instruments TLC339MN Datasheet HTML 8Page - Texas Instruments TLC339MN Datasheet HTML 9Page - Texas Instruments TLC339MN Datasheet HTML 10Page - Texas Instruments TLC339MN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
7
WWW.TI.COM
switching characteristics, VDD = 5 V, TA = 25°C (see Figure 3)
PARAMETER
TEST CONDITIONS
TLC139M, TLC339C
TLC339I, TLC339M
TLC339Q
UNIT
MIN
TYP
MAX
Overdrive = 2 mV
4.5
f = 10 kHz,
Overdrive = 5 mV
2.5
tPLH
Propagation delay time, low-to-high output
f = 10 kHz,
CL = 15 pF
Overdrive = 10 mV
1.7
s
tPLH
Propagation delay time, low-to-high output
CL = 15 pF
Overdrive = 20 mV
1.2
µs
Overdrive = 40 mV
1.0
VI = 1.4 V step at IN+
1.1
Overdrive = 2 mV
3.6
f = 10 kHz,
Overdrive = 5 mV
2.1
tPHL
Propagation delay time, high-to-low level output
f = 10 kHz,
CL = 15 pF
Overdrive = 10 mV
1.3
s
tPHL
Propagation delay time, high-to-low level output
CL = 15 pF
Overdrive = 20 mV
0.85
µs
Overdrive = 40 mV
0.55
VI = 1.4 V step at IN+
0.10
tTHL
Transition time, high-to-low level output
f = 10 kHz,
Overdrive = 50 mV
20
ns
tTHL
Transition time, high-to-low level output
f = 10 kHz,
CL = 15pF
Overdrive = 50 mV
20
ns
PARAMETER MEASUREMENT INFORMATION
The TLC139 and TLC339 contain a digital output stage that, if held in the linear region of the transfer curve, can cause
damage to the device. Conventional operational amplifier/comparator testing incorporates the use of a servo-loop
that is designed to force the device output to a level within this linear region. Since the servo-loop method of testing
cannot be used, the following alternatives for testing parameters such as input offset voltage, common-mode
rejection, etc., are suggested.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high. With
the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages can
be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide greater
accuracy.
(a) VIO WITH VIC = 0 V
(b) VIO WITH VIC = 4 V
5 V
1 V
5.1 k
5.1 k
Applied VIO
Limit
Applied VIO
Limit
VO
VO
−4 V
Figure 1. Method for Verifying That Input Offset Voltage Is Within Specified Limits


Número de pieza similar - TLC339MN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC339MN TI-TLC339MN Datasheet
258Kb / 17P
[Old version datasheet]   LinCMOSE MICROPOWER QUAD COMPARATORS
More results

Descripción similar - TLC339MN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC139 TI-TLC139 Datasheet
258Kb / 17P
[Old version datasheet]   LinCMOSE MICROPOWER QUAD COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
logo
STMicroelectronics
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
   Micropower quad CMOS voltage comparators
February 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com