Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP141AIDGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP141AIDGKT
Descripción Electrónicos  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDGKT Datasheet(HTML) 3 Page - Texas Instruments

  TMP141AIDGKT Datasheet HTML 1Page - Texas Instruments TMP141AIDGKT Datasheet HTML 2Page - Texas Instruments TMP141AIDGKT Datasheet HTML 3Page - Texas Instruments TMP141AIDGKT Datasheet HTML 4Page - Texas Instruments TMP141AIDGKT Datasheet HTML 5Page - Texas Instruments TMP141AIDGKT Datasheet HTML 6Page - Texas Instruments TMP141AIDGKT Datasheet HTML 7Page - Texas Instruments TMP141AIDGKT Datasheet HTML 8Page - Texas Instruments TMP141AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = +3.0V to +3.6V, unless otherwise noted.
TMP141
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
−40
+125
°C
Error
TERROR
T = −25
°C to +85°C
±0.2
±2
°C
T = −40
°C to +125°C
±3
°C
vs Supply
±0.2
±0.5
°C/V
Resolution
10
Bits
0.25
°C
Default Conversion Time
tCONV
See Table 4 for conversion time settings.
162
190
218
ms
DIGITAL INPUT/OUTPUT PINS (SWD and ADD pins)
Input/Output Capacitance
CIN/OUT
3
pF
SWD PIN
Input Leakage Current
IL
GND < VIN < VS
0.005
10
µA
IL
GND < VIN < 5.5V and VS = GND/OPEN
0.005
µA
Input Logic Level Voltage (High)
VIH
2.1
VS + 0.5
V
VS = 2.7V to 5.5V
0.6
× VS
VS + 0.5
V
Input Logic Level Voltage (Low)
VIL
−0.5
0.8
V
VS = 2.7V to 5.5V
−0.5
0.25
× VS
V
Input Hysteresis
VHYST
300
mV
Output Logic Level Voltage (Low)
VOL
IOL = 4mA
0.4
V
IOL = 50µA
0.2
V
Output OFF Current
IOH
0.005
10
µA
ADD0 and ADD1 PINS
Input Leakage Current
IL
GND < VIN < VS
0.005
10
µA
Input Logic Level Voltage (High)
VIH
0.9
× VS
VS + 0.5
V
Input Logic Level Voltage (Low)
VIL
−0.5
0.1
× VS
V
SensorPath CHARACTERISTICS
SWD Fall Time
tf
RPULL-UP = 1.25kΩ ± 30%, CL = 400pF
300
ns
SWD Rise Time
tr
RPULL-UP = 1.25kΩ ± 30%, CL = 400pF
1000
ns
Min. Inactive Time Between SWD Signals
tINACT
Bus at High Level
11
µs
Master or TMP141 Reset Drive Time
tRST
354
µs
TMP141 Detects Bus Activity
tSFEdet
9.6
µs
Master Drive Time
Data Bit 0 Write, Data Bit 0 Read
tMtr0
11.8
17
µs
Data Bit 1 Write
tMtr1
35.4
48.9
µs
Start Bit
tMtrS
80
109
µs
TMP141 Drive Time
Data Bit 0−1 Read
tSLout1
28.3
38.3
µs
Attention Request
tSLoutA
165
228
µs
Reset
tRST_MAX
After VS is Above 2.6V
95
500
ms
POWER SUPPLY
Specified Voltage Range
3.0
3.6
V
Operating Voltage Range
2.7
5.5
V
Quiescent Current
IQ
Standby
80
120
µA
While Converting(1)
110
170
µA
Power-On Reset Voltage
1.5
2.6
V
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+127
°C
Storage Range
−60
+150
°C
Thermal Resistance
qJA
MSOP-8
150
°C/W
SOT23-6
200
°C/W
(1) SensorPath activity only has a slight effect on quiescent current.


Número de pieza similar - TMP141AIDGKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP141AIDGKT TI-TMP141AIDGKT Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results

Descripción similar - TMP141AIDGKT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
   Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com