Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G32GW Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74AUP1G32GW
Descripción Electrónicos  Low-power 2-input OR-gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G32GW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G32GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G32GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74AUP1G32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 July 2013
4 of 21
NXP Semiconductors
74AUP1G32
Low-power 2-input OR-gate
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 and X2SON5 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
A
B
Y
LL
L
LH
H
HL
H
HH
H
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+4.6
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
+50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC =0V
0
3.6
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Número de pieza similar - 74AUP1G32GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G32GW PHILIPS-74AUP1G32GW Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32GW NEXPERIA-74AUP1G32GW Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GW-Q100 NEXPERIA-74AUP1G32GW-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results

Descripción similar - 74AUP1G32GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
   Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com