Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4094DB Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC4094DB
Descripción Electrónicos  8-stage shift-and-store bus register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4094DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4094DB Datasheet HTML 6Page - NXP Semiconductors 74HC4094DB Datasheet HTML 7Page - NXP Semiconductors 74HC4094DB Datasheet HTML 8Page - NXP Semiconductors 74HC4094DB Datasheet HTML 9Page - NXP Semiconductors 74HC4094DB Datasheet HTML 10Page - NXP Semiconductors 74HC4094DB Datasheet HTML 11Page - NXP Semiconductors 74HC4094DB Datasheet HTML 12Page - NXP Semiconductors 74HC4094DB Datasheet HTML 13Page - NXP Semiconductors 74HC4094DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
74HC_HCT4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
10 of 23
NXP Semiconductors
74HC4094; 74HCT4094
8-stage shift-and-store bus register
tW
pulse width
CP HIGH or LOW;
see Figure 8
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
STR HIGH; see Figure 9
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
tsu
set-up time
D to CP; see Figure 10
VCC = 2.0 V
50
14
-
65
-
75
-
ns
VCC = 4.5 V
10
5
-
13
-
15
-
ns
VCC = 6.0 V
9
4
-
11
-
13
-
ns
CP to STR; see Figure 9
VCC = 2.0 V
100
28
-
125
-
150
-
ns
VCC = 4.5 V
20
10
-
25
-
30
-
ns
VCC = 6.0 V
17
8
-
21
-
26
-
ns
th
hold time
D to CP; see Figure 10
VCC = 2.0 V
3
-6
-
3
-
3
-
ns
VCC = 4.5 V
3
-2
-
3
-
3
-
ns
VCC = 6.0 V
3
-2
-
3
-
3
-
ns
CP to STR; see Figure 9
VCC = 2.0 V
0
-14
-
0
-
0
-
ns
VCC = 4.5 V
0
-5
-
0
-
0
-
ns
VCC = 6.0 V
0
-4
-
0
-
0
-
ns
fmax
maximum
frequency
CP; see Figure 8
VCC = 2.0 V
6.0
28
-
4.8
-
4.0
-
MHz
VCC = 4.5 V
30
87
-
24
-
20
-
MHz
VCC =5V; CL =15pF
-
95
-
-
-
-
-
MHz
VCC = 6.0 V
35
103
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI =GND to VCC
[5]
-83
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Número de pieza similar - 74HC4094DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC4094DB-Q100 NEXPERIA-74HC4094DB-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
More results

Descripción similar - 74HC4094DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com