Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C654CJ68 Datasheet(PDF) 8 Page - Exar Corporation

No. de pieza ST16C654CJ68
Descripción Electrónicos  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654CJ68 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST16C654CJ68 Datasheet HTML 4Page - Exar Corporation ST16C654CJ68 Datasheet HTML 5Page - Exar Corporation ST16C654CJ68 Datasheet HTML 6Page - Exar Corporation ST16C654CJ68 Datasheet HTML 7Page - Exar Corporation ST16C654CJ68 Datasheet HTML 8Page - Exar Corporation ST16C654CJ68 Datasheet HTML 9Page - Exar Corporation ST16C654CJ68 Datasheet HTML 10Page - Exar Corporation ST16C654CJ68 Datasheet HTML 11Page - Exar Corporation ST16C654CJ68 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ST16C654/654D
xr
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
REV. 5.0.2
8
1.0 PRODUCT DESCRIPTION
The ST16C654 (654) integrates the functions of 4 enhanced 16C550 Universal Asynchrounous Receiver and
Transmitter (UART). Each UART is independently controlled having its own set of device configuration
registers. The configuration registers set is 16550 UART compatible for control, status and data transfer.
Additionally, each UART channel has 64-bytes of transmit and receive FIFOs, automatic RTS/CTS hardware
flow control, automatic Xon/Xoff and special character software flow control, infrared encoder and decoder
(IrDA ver 1.0), programmable baud rate generator with a prescaler of divide by 1 or 4, and data rate up to 1.5
Mbps. The ST16C654 can operate from 2.97 to 5.5 volts. The 654 is fabricated with an advanced CMOS
process.
Enhanced FIFO
The 654 QUART provides a solution that supports 64 bytes of transmit and receive FIFO memory, instead of
16 bytes in the ST16C554, or one byte in the ST16C454. The 654 is designed to work with high performance
data communication systems, that require fast data processing time. Increased performance is realized in the
654 by the larger transmit and receive FIFOs, FIFO trigger level control and automatic flow control mechanism.
This allows the external processor to handle more networking tasks within a given time. For example, the
ST16C554 with a 16 byte FIFO, unloads 16 bytes of receive data in 1.53 ms (This example uses a character
length of 11 bits, including start/stop bits at 115.2Kbps). This means the external CPU will have to service the
receive FIFO at 1.53 ms intervals. However with the 64 byte FIFO in the 654, the data buffer will not require
unloading/loading for 6.1 ms. This increases the service interval giving the external CPU additional time for
other applications and reducing the overall UART interrupt servicing time. In addition, the programmable FIFO
level trigger interrupt and automatic hardware/software flow control is uniquely provided for maximum data
throughput performance especially when operating in a multi-channel system. The combination of the above
greatly reduces the CPU’s bandwidth requirement, increases performance, and reduces power consumption.
Data Rate
The 654 is capable of operation up to 1.5 Mbps at 5V with 16x internal sampling clock rate. The device can
operate at 5V with a crystal oscillator of up to 24 MHz crystal on pins XTAL1 and XTAL2, or external clock
source of 24 MHz on XTAL1 pin. With a typical crystal of 14.7456 MHz and through a software option, the user
can set the prescaler bit for data rates of up to 921.6 kbps.
Enhanced Features
The rich feature set of the 654 is available through the internal registers. Automatic hardware/software flow
control, selectable transmit and receive FIFO trigger levels, selectable baud rates, infrared encoder/decoder
interface, modem interface controls, and a sleep mode are all standard features. MCR bit-5 provides a facility
for turning off (Xon) software flow control with any incoming (RX) character. In the 16 mode INTSEL and MCR
bit-3 can be configured to provide a software controlled or continuous interrupt capability. Due to pin limitations
for the 64 pin 654 this feature is offered by two different LQFP packages. The ST16C654DCV operates in the
continuous interrupt enable mode by internally bonding INTSEL to VCC. The ST16C654CV operates in
conjunction with MCR bit-3 by internally bonding INTSEL to GND.
The ST16C654 offers a clock prescaler select pin to allow system/board designers to preset the default baud
rate table on power up. The CLKSEL pin selects the div-by-1 or div-by-4 prescaler for the baud rate generator.
It can then be overridden following initialization by MCR bit-7.
The 100 pin packages offer several other enhanced features. These features include a CHCCLK clock input,
FSTAT register and separate IrDA TX outputs. The CHCCLK must be connected to the XTAL2 pin for normal
operation or to external MIDI (Music Instrument Digital Interface) oscillator for MIDI applications. A separate
register (FSTAT) is provided for monitoring the real time status of the FIFO signals TXRDY# and RXRDY# for
each of the four UART channels (A-D). This reduces polling time involved in accessing individual channels.
The 100 pin QFP package also offers four separate IrDA (Infrared Data Association Standard) TX outputs for
Infrared applications. These outputs are provided in addition to the standard asynchronous modem data
outputs.


Número de pieza similar - ST16C654CJ68

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654CJ68 EXAR-ST16C654CJ68 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654CJ68 EXAR-ST16C654CJ68 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
ST16C654CJ68F EXAR-ST16C654CJ68F Datasheet
174Kb / 1P
   Flammability rating of UL 94?륷0
More results

Descripción similar - ST16C654CJ68

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com