Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C654IQ64 Datasheet(PDF) 5 Page - Exar Corporation

No. de pieza ST16C654IQ64
Descripción Electrónicos  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654IQ64 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C654IQ64 Datasheet HTML 1Page - Exar Corporation ST16C654IQ64 Datasheet HTML 2Page - Exar Corporation ST16C654IQ64 Datasheet HTML 3Page - Exar Corporation ST16C654IQ64 Datasheet HTML 4Page - Exar Corporation ST16C654IQ64 Datasheet HTML 5Page - Exar Corporation ST16C654IQ64 Datasheet HTML 6Page - Exar Corporation ST16C654IQ64 Datasheet HTML 7Page - Exar Corporation ST16C654IQ64 Datasheet HTML 8Page - Exar Corporation ST16C654IQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
xr
ST16C654/654D
REV. 5.0.2
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
5
INTA
(IRQ#)
6
15
12
O
(OD)
When 16/68# pin is at logic 1 for Intel bus interface, this ouput
becomes channel A interrupt output. The output state is defined by
the user and through the software setting of MCR[3]. INTA is set to
the active mode when MCR[3] is set to a logic 1. INTA is set to the
three state mode when MCR[3] is set to a logic 0 (default). See
MCR[3].
When 16/68# pin is at logic 0 for Motorola bus interface, this output
becomes device interrupt output (active low, open drain). An exter-
nal pull-up resistor is required for proper operation.
INTB
INTC
INTD
(N.C.)
12
37
43
21
49
55
18
63
69
O
When 16/68# pin is at logic 1 for Intel bus interface, these ouputs
become the interrupt outputs for channels B, C, and D. The output
state is defined by the user through the software setting of MCR[3].
The interrupt outputs are set to the active mode when MCR[3] is set
to a logic 1 and are set to the three state mode when MCR[3] is set
to a logic 0 (default). See MCR[3].
When 16/68# pin is at logic 0 for Motorola bus interface, these out-
puts are unused and will stay at logic zero level. Leave these out-
puts unconnected.
INTSEL
-
65
87
I
Interrupt Select (active high, input with internal pull-down).
When 16/68# pin is at logic 1 for Intel bus interface, this pin can be
used in conjunction with MCR bit-3 to enable or disable the INT A-D
pins or override MCR bit-3 and enable the interrupt outputs. Inter-
rupt outputs are enabled continuously by making this pin a logic 1.
Making this pin a logic 0 allows MCR bit-3 to enable and disable the
interrupt output pins. In this mode, MCR bit-3 is set to a logic 1 to
enable the continuous output. See MCR bit-3 description for full
detail. This pin must be at logic 0 in the Motorola bus interface
mode. Due to pin limitations on 64 pin packages, this pin is not
available. To cover this limitation, two 64 pin LQFP packages ver-
sions are offered. This pin is bonded to VCC internally in the
ST16C654D so the INT outputs operate in the continuous interrupt
mode. This pin is bonded to GND internally in the ST16C654 and
therefore requires setting MCR bit-3 for enabling the interrupt output
pins.
TXRDYA#
TXRDYB#
TXRDYC#
TXRDYD#
-
-
-
-
-
-
-
-
5
25
56
81
O
UART channels A-D Transmitter Ready (active low). The outputs
provide the TX FIFO/THR status for transmit channels A-D. See
Table 5. If these outputs are unused, leave them unconnected.
RXRDYA#
RXRDYB#
RXRDYC#
RXRDYD#
-
-
-
-
-
-
-
-
100
31
50
82
O
UART channels A-D Receiver Ready (active low). This output pro-
vides the RX FIFO/RHR status for receive channels A-D. See
Table 5. If these outputs are unused, leave them unconnected.
TXRDY#
-
39
45
O
Transmitter Ready (active low). This output is a logically ANDed
status of TXRDY# A-D. See Table 5. If this output is unused, leave
it unconnected.
RXRDY#
-
38
44
O
Receiver Ready (active low). This output is a logically ANDed status
of RXRDY# A-D. See Table 5. If this output is unused, leave it
unconnected.
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
100-QFP
PIN #
TYPE
DESCRIPTION


Número de pieza similar - ST16C654IQ64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654IQ64 EXAR-ST16C654IQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654IQ64 EXAR-ST16C654IQ64 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
More results

Descripción similar - ST16C654IQ64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com