Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX84-B2V4 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
BZX84-B2V4 Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 11 page 2003 Apr 10 4 NXP Semiconductors Product data sheet Voltage regulator diodes BZX84 series LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Note 1. Device mounted on an FR4 printed circuit-board. ELECTRICAL CHARACTERISTICS Total BZX84-A and B and C series Tj = 25 °C unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT IF continuous forward current − 200 mA IZSM non-repetitive peak reverse current tp = 100 μs; square wave; Tj = 25 °C prior to surge see Tables 1 and 2 Ptot total power dissipation Tamb = 25 °C; note 1 − 250 mW PZSM non-repetitive peak reverse power dissipation tp = 100 μs; square wave; Tj = 25 °C prior to surge; see Fig.2 − 40 W Tstg storage temperature −65 +150 °C Tj junction temperature −65 +150 °C SYMBOL PARAMETER CONDITIONS MAX. UNIT VF forward voltage IF = 10 mA; see Fig.3 0.9 V IR reverse current BZX84-A/B/C2V4 VR = 1 V 50 μA BZX84-A/B/C2V7 VR = 1 V 20 μA BZX84-A/B/C3V0 VR = 1 V 10 μA BZX84-A/B/C3V3 VR = 1 V 5 μA BZX84-A/B/C3V6 VR = 1 V 5 μA BZX84-A/B/C3V9 VR = 1 V 3 μA BZX84-A/B/C4V3 VR = 1 V 3 μA BZX84-A/B/C4V7 VR = 2 V 3 μA BZX84-A/B/C5V1 VR = 2 V 2 μA BZX84-A/B/C5V6 VR = 2 V 1 μA BZX84-A/B/C6V2 VR = 4 V 3 μA BZX84-A/B/C6V8 VR = 4 V 2 μA BZX84-A/B/C7V5 VR = 5 V 1 μA BZX84-A/B/C8V2 VR = 5 V 700 nA BZX84-A/B/C9V1 VR = 6 V 500 nA BZX84-A/B/C10 VR = 7 V 200 nA BZX84-A/B/C11 VR = 8 V 100 nA BZX84-A/B/C12 VR = 8 V 100 nA BZX84-A/B/C13 VR = 8 V 100 nA BZX84-A/B/C15 to 75 VR = 0.7VZnom 50 nA |
Número de pieza similar - BZX84-B2V4 |
|
Descripción similar - BZX84-B2V4 |