Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2586SX-ADJ Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM2586SX-ADJ
Descripción Electrónicos  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2586SX-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LM2586SX-ADJ Datasheet HTML 1Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 2Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 3Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 4Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 5Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 6Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 7Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 8Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM2586
www.ti.com
SNVS121D – MAY 1996 – REVISED APRIL 2013
LM2586-ADJ
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 21 (1)
VOUT
Output Voltage
VIN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
ILOAD = 0.2A to 0.8A
ΔVOUT/
Line Regulation
VIN = 4V to 10V
20
100/200
mV
ΔVIN
ILOAD = 0.2A
ΔVOUT/
Load Regulation
VIN = 10V
20
100/200
mV
ΔILOAD
ILOAD = 0.2A to 0.8A
η
Efficiency
VIN = 10V, ILOAD = 0.6A
93
%
UNIQUE DEVICE PARAMETERS (2)
VREF
Output Reference
Measured at Feedback Pin
1.230
1.208/1.205
1.252/1.255
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
1.5
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
3.200
1.800
6.000
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp Voltage Gain
VCOMP = 0.5V to 1.6V,
670
400/200
V/V
RCOMP = 1.0 MΩ
(3)
IB
Error Amp
VCOMP = 1.0V
125
425/600
nA
Input Bias Current
COMMON DEVICE PARAMETERS for all versions (2)
IS
Input Supply Current
Switch Off (4)
11
15.5/16.5
mA
ISWITCH = 1.8A
50
100/115
mA
IS/D
Shutdown Input
VSH = 3V
16
100/300
μA
Supply Current
VUV
Input Supply
RLOAD = 100Ω
3.30
3.05
3.75
V
Undervoltage Lockout
fO
Oscillator Frequency
Measured at Switch Pin
RLOAD = 100Ω, VCOMP = 1.0V
100
85/75
115/125
kHz
Freq. Adj. Pin Open (Pin 1)
RSET = 22 kΩ
200
kHz
fSC
Short-Circuit
Measured at Switch Pin
Frequency
RLOAD = 100Ω
25
kHz
VFEEDBACK = 1.15V
VEAO
Error Amplifier
Upper Limit (5)
2.8
2.6/2.4
V
Output Swing
Lower Limit (4)
0.25
0.40/0.55
V
IEAO
Error Amp
See (6)
Output Current
165
110/70
260/320
μA
(Source or Sink)
ISS
Soft Start Current
VFEEDBACK = 0.92V
11.0
8.0/7.0
17.0/19.0
μA
VCOMP = 1.0V
DMAX
Maximum Duty Cycle
RLOAD = 100Ω
(5)
98
93/90
%
IL
Switch Leakage
Switch Off
15
300/600
μA
Current
VSWITCH = 60V
VSUS
Switch Sustaining Voltage
dV/dT = 1.5V/ns
65
V
VSAT
Switch Saturation Voltage
ISWITCH = 3.0A
0.45
0.65/0.9
V
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2586 is used as shown in Figure 20 and Figure 21, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
(4)
To measure this parameter, the feedback voltage is set to a high value, depending on the output version of the device, to force the error
amplifier output low and the switch off.
(5)
To measure this parameter, the feedback voltage is set to a low value, depending on the output version of the device, to force the error
amplifier output high and the switch on.
(6)
To measure the worst-case error amplifier output current, the LM2586 is tested with the feedback voltage set to its low value (Note 4)
and at its high value (Note 5).
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2586


Número de pieza similar - LM2586SX-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2586SX-ADJ NSC-LM2586SX-ADJ Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586SX-ADJ NSC-LM2586SX-ADJ Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586SX-ADJ TI1-LM2586SX-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2586SX-ADJ/NOPB TI1-LM2586SX-ADJ/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results

Descripción similar - LM2586SX-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com