Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2597HVMX-12 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM2597HVMX-12
Descripción Electrónicos  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2597HVMX-12 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2597HVMX-12 Datasheet HTML 2Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 3Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 4Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 5Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 6Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 7Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 8Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 9Page - Texas Instruments LM2597HVMX-12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LM2597, LM2597HV
SNVS119C – MARCH 1998 – REVISED APRIL 2013
www.ti.com
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the
12V version. ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2597/LM2597HV-XX
Units
(Limits)
Typ (1)
Limit (2)
DEVICE PARAMETERS
Ib
Feedback Bias Current
Adjustable Version Only, VFB = 1.235V
10
50/100
nA
fO
Oscillator Frequency
See (3)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
VSAT
Saturation Voltage
IOUT = 0.5A
(4) (5)
0.9
V
1.1/1.2
V(max)
DC
Max Duty Cycle (ON)
See (5)
100
%
Min Duty Cycle (OFF)
See (6)
0
ICL
Current Limit
Peak Current (4)(5)
0.8
A
0.65/0.58
A(min)
1.3/1.4
A(max)
IL
Output Leakage Current
Output = 0V (4)(6)(7)
50
μA(max)
Output =
−1V
2
mA
15
mA(max)
IQ
Operating Quiescent
SD /SS Pin Open, VBS Pin Open
(6)
5
mA
Current
10
mA(max)
ISTBY
Standby Quiescent
SD /SS pin = 0V (6) LM2597
85
μA
Current
200/250
μA(max)
LM2597HV
140
250/300
μA(max)
θJA
Thermal Resistance
P Package, Junction to Ambient (8)
95
°C/W
D Package, Junction to Ambient (8)
150
SHUTDOWN/SOFT-START CONTROL Test Circuit of Figure 31
VSD
Shutdown Threshold
1.3
V
Voltage
Low, (Shutdown Mode)
0.6
V(max)
High, (Soft-start Mode)
2
V(min)
VSS
Soft-start Voltage
VOUT = 20% of Nominal Output Voltage
2
V
VOUT = 100% of Nominal Output Voltage
3
ISD
Shutdown Current
VSHUTDOWN = 0.5V
5
μA
10
μA(max)
ISS
Soft-start Current
VSoft-start = 2.5V
1.6
μA
5
μA(max)
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(4)
No diode, inductor or capacitor connected to output pin.
(5)
Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
(6)
Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force
the output transistor switch OFF.
(7)
VIN = 40V for the LM2597 and 60V for the LM2597HV.
(8)
Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional
copper area will lower thermal resistance further. See application hints in this data sheet and the thermal model in Switchers Made
Simple software.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2597 LM2597HV


Número de pieza similar - LM2597HVMX-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2597HVMX-12 TI-LM2597HVMX-12 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2597HVMX-12/NOPB TI1-LM2597HVMX-12/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Descripción similar - LM2597HVMX-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-ADJ TI-LM2597HVM-ADJ Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com