Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2671M-5.0 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2671M-5.0
Descripción Electrónicos  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2671M-5.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2671M-5.0 Datasheet HTML 7Page - Texas Instruments LM2671M-5.0 Datasheet HTML 8Page - Texas Instruments LM2671M-5.0 Datasheet HTML 9Page - Texas Instruments LM2671M-5.0 Datasheet HTML 10Page - Texas Instruments LM2671M-5.0 Datasheet HTML 11Page - Texas Instruments LM2671M-5.0 Datasheet HTML 12Page - Texas Instruments LM2671M-5.0 Datasheet HTML 13Page - Texas Instruments LM2671M-5.0 Datasheet HTML 14Page - Texas Instruments LM2671M-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
The LM2671 is part of the SIMPLE SWITCHER® family of power converters. A complete design uses a minimum
number of external components, which have been pre-determined from a variety of manufacturers. Using either
this data sheet or TI's WEBENCH® design tool, a complete switching power supply can be designed quickly.
Also, refer to the LM2670 data sheet for additional applications information.
SWITCH OUTPUT
This is the output of a power MOSFET switch connected directly to the input voltage. The switch provides energy
to an inductor, an output capacitor and the load circuitry under control of an internal pulse-width-modulator
(PWM). The PWM controller is internally clocked by a fixed 260kHz oscillator. In a standard step-down
application the duty cycle (Time ON/Time OFF) of the power switch is proportional to the ratio of the power
supply output voltage to the input voltage. The voltage on the VSW pin cycles between Vin (switch ON) and below
ground by the voltage drop of the external Schottky diode (switch OFF).
INPUT
The input voltage for the power supply is connected to the VIN pin. In addition to providing energy to the load the
input voltage also provides bias for the internal circuitry of the LM2671. For ensured performance the input
voltage must be in the range of 6.5V to 40V. For best performance of the power supply the VIN pin should always
be bypassed with an input capacitor located close to this pin and GND.
C BOOST
A capacitor must be connected from the CB pin to the VSW pin. This capacitor boosts the gate drive to the internal
MOSFET above Vin to fully turn it ON. This minimizes conduction losses in the power switch to maintain high
efficiency. The recommended value for C Boost is 0.01
μF.
GROUND
This is the ground reference connection for all components in the power supply. In fast-switching, high-current
applications such as those implemented with the LM2671, it is recommended that a broad ground plane be used
to minimize signal coupling throughout the circuit
SYNC
This input allows control of the switching clock frequency. If left open-circuited the regulator will be switched at
the internal oscillator frequency, typically 260 kHz. An external clock can be used to force the switching
frequency and thereby control the output ripple frequency of the regulator. This capability provides for consistent
filtering of the output ripple from system to system as well as precise frequency spectrum positioning of the ripple
frequency which is often desired in communications and radio applications. This external frequency must be
greater than the LM2671 internal oscillator frequency, which could be as high as 275 kHz, to prevent an
erroneous reset of the internal ramp oscillator and PWM control of the power switch. The ramp oscillator is reset
on the positive going edge of the sync input signal. It is recommended that the external TTL or CMOS compatible
clock (between 0V and a level greater than 3V) be ac coupled to the SYNC pin through a 100pF capacitor and a
1K
Ω resistor to ground.
When the SYNC function is used, current limit frequency foldback is not active. Therefore, the device may not be
fully protected against extreme output short circuit conditions.
FEEDBACK
This is the input to a two-stage high gain amplifier, which drives the PWM controller. Connect the FB pin directly
to the output for proper regulation. For the fixed output devices (3.3V, 5V and 12V outputs), a direct wire
connection to the output is all that is required as internal gain setting resistors are provided inside the LM2671.
For the adjustable output version two external resistors are required to set the dc output voltage. For stable
operation of the power supply it is important to prevent coupling of any inductor flux to the feedback input.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2671


Número de pieza similar - LM2671M-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2671M-5.0 NSC-LM2671M-5.0 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671M-5.0 NSC-LM2671M-5.0 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-5.0 TI-LM2671M-5.0 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671M-5.0 TI1-LM2671M-5.0 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2671M-5.0 TI1-LM2671M-5.0 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
More results

Descripción similar - LM2671M-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2672M-ADJ TI-LM2672M-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com