Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2675LD-5.0 Datasheet(PDF) 4 Page - Texas Instruments |
|
LM2675LD-5.0 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 30 page LM2675 SNVS129E – MAY 2004 – REVISED JUNE 2005 www.ti.com LM2675-5.0 Electrical Characteristics Symbol Parameter Conditions Typ(1) Min(2) Max(2) Units SYSTEM PARAMETERS Test Circuit Figure 22(3) VOUT Output Voltage VIN = 8V to 40V, ILOAD = 20 mA to 1A 5.0 4.925/4.850 5.075/5.150 V VOUT Output Voltage VIN = 6.5V to 40V, ILOAD = 20 mA to 500 mA 5.0 4.925/4.850 5.075/5.150 V η Efficiency VIN = 12V, ILOAD = 1A 90 % (1) Typical numbers are at 25°C and represent the most likely norm. (2) All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL). (3) External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will be as specified by the system parameters section of the Electrical Characteristics. LM2675-12 Electrical Characteristics Symbol Parameter Conditions Typ(1) Min(2) Max(2) Units SYSTEM PARAMETERS Test Circuit Figure 22(3) VOUT Output Voltage VIN = 15V to 40V, ILOAD = 20 mA to 1A 12 11.82/11.64 12.18/12.36 V η Efficiency VIN = 24V, ILOAD = 1A 94 % (1) Typical numbers are at 25°C and represent the most likely norm. (2) All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL). (3) External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will be as specified by the system parameters section of the Electrical Characteristics. LM2675-ADJ Electrical Characteristics Symbol Parameter Conditions Typ(1) Min(2) Max(2) Units SYSTEM PARAMETERS Test Circuit Figure 23(3) VFB Feedback Voltage VIN = 8V to 40V, ILOAD = 20 mA to 1A VOUT Programmed for 5V 1.210 1.192/1.174 1.228/1.246 V (see Circuit of Figure 23) VFB Feedback Voltage VIN = 6.5V to 40V, ILOAD = 20 mA to 500 mA VOUT Programmed for 5V 1.210 1.192/1.174 1.228/1.246 V (see Circuit of Figure 23) η Efficiency VIN = 12V, ILOAD = 1A 90 % (1) Typical numbers are at 25°C and represent the most likely norm. (2) All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL). (3) External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect switching regulator performance. When the LM2675 is used as shown in Figure 22 and Figure 23 test circuits, system performance will be as specified by the system parameters section of the Electrical Characteristics. All Output Voltage Versions Electrical Characteristics Specifications with standard type face are for TJ = 25°C, and those with bold type face apply over full Operating Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable versions and VIN = 24V for the 12V version, and ILOAD = 100 mA. Symbol Parameters Conditions Typ Min Max Units DEVICE PARAMETERS IQ Quiescent Current VFEEDBACK = 8V 2.5 3.6 mA For 3.3V, 5.0V, and ADJ Versions VFEEDBACK = 15V 2.5 mA For 12V Versions ISTBY Standby Quiescent Current ON/OFF Pin = 0V 50 100/150 μA ICL Current Limit 1.55 1.25/1.2 2.1/2.2 A 4 Submit Documentation Feedback Copyright © 2004–2005, Texas Instruments Incorporated Product Folder Links: LM2675 |
Número de pieza similar - LM2675LD-5.0 |
|
Descripción similar - LM2675LD-5.0 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |