Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3414SD Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM3414SD
Descripción Electrónicos  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3414SD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3414SD Datasheet HTML 3Page - Texas Instruments LM3414SD Datasheet HTML 4Page - Texas Instruments LM3414SD Datasheet HTML 5Page - Texas Instruments LM3414SD Datasheet HTML 6Page - Texas Instruments LM3414SD Datasheet HTML 7Page - Texas Instruments LM3414SD Datasheet HTML 8Page - Texas Instruments LM3414SD Datasheet HTML 9Page - Texas Instruments LM3414SD Datasheet HTML 10Page - Texas Instruments LM3414SD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM3414, LM3414HV
www.ti.com
SNVS678E – JUNE 2010 – REVISED MAY 2013
Typical Performance Characteristics (continued)
All curves taken at VIN = 48V with configuration in typical application for driving twelve power LEDs with ILED = 1A shown in
this datasheet. TA = 25°C, unless otherwise specified.
LED Current with PWM Dimming
(9µs dimming pulse), LM3414HV
Figure 13.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3414 LM3414HV


Número de pieza similar - LM3414SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3414SD NSC-LM3414SD Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414SD TI1-LM3414SD Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414SD/NOPB TI1-LM3414SD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
National Semiconductor ...
LM3414SDX NSC-LM3414SDX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414SDX TI1-LM3414SDX Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
More results

Descripción similar - LM3414SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
MY-SEMI INC.
MY8103 MY-SEMI-MY8103 Datasheet
502Kb / 17P
   65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense
Mar. 2015 Ver. 0.6
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com