Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM22671QMRE-5.0 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM22671QMRE-5.0
Descripción Electrónicos  LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM22671QMRE-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM22671QMRE-5.0 Datasheet HTML 1Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 2Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 3Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 4Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 5Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 6Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 7Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 8Page - Texas Instruments LM22671QMRE-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Exposed Pad
Connect to GND
RT/SYNC
3
FB
4
BOOT
1
SS
2
8
SW
7
VIN
6
GND
5
EN
LM22671-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
RT/SYNC SS
LM22671
SNVS589M – SEPTEMBER 2008 – REVISED APRIL 2013
www.ti.com
Simplified Application Schematic
Connection Diagram
Figure 1. 8-Lead Plastic SO PowerPAD Package
Package Number DDA0008B
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
BOOT
Bootstrap input
Provides the gate voltage for the high side NFET.
2
SS
Soft-start pin
Used to increase soft-start time. See Soft-Start section of data sheet.
3
RT/SYNC
Oscillator frequency adjust pin or
Used to control oscillator mode of regulator. See Switching Frequency
frequency synchronization
Adjustment and Synchronization section of data sheet.
4
FB
Feedback pin
Feedback input to regulator.
5
EN
Precision enable pin
Used to control regulator start-up and shut-down. See Precision Enable and
UVLO section of data sheet.
6
GND
System ground
System ground pin.
7
VIN
Source input voltage
Supply input to the regulator.
8
SW
Switch pin
Switching output of regulator.
EP
EP
Exposed Pad
Connect to ground. Provides thermal connection to PCB. See Application
Information.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22671


Número de pieza similar - LM22671QMRE-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22671QMRE-5.0 NSC-LM22671QMRE-5.0 Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22671QMRE-5.0/NOPB TI-LM22671QMRE-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Descripción similar - LM22671QMRE-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com