Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317T/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM317T/NOPB
Descripción Electrónicos  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM317T/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM317T/NOPB Datasheet HTML 1Page - Texas Instruments LM317T/NOPB Datasheet HTML 2Page - Texas Instruments LM317T/NOPB Datasheet HTML 3Page - Texas Instruments LM317T/NOPB Datasheet HTML 4Page - Texas Instruments LM317T/NOPB Datasheet HTML 5Page - Texas Instruments LM317T/NOPB Datasheet HTML 6Page - Texas Instruments LM317T/NOPB Datasheet HTML 7Page - Texas Instruments LM317T/NOPB Datasheet HTML 8Page - Texas Instruments LM317T/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM117, LM317A, LM317-N
www.ti.com
SNVS774O – MAY 2004 – REVISED JANUARY 2014
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
Check for Samples: LM117, LM317A, LM317-N
Normally, no capacitors are needed unless the device
1
FEATURES
is situated more than 6 inches from the input filter
2
Specified 1% Output Voltage Tolerance
capacitors in which case an input bypass is needed.
(LM317A)
An optional output capacitor can be added to improve
Specified max. 0.01%/V Line Regulation
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
(LM317A)
which are difficult to achieve with standard 3-terminal
Specified max. 0.3% Load Regulation (LM117)
regulators.
Specified 1.5A Output Current
Besides replacing fixed regulators, the LM117 is
Adjustable Output Down to 1.2V
useful in a wide variety of other applications. Since
Current Limit Constant with Temperature
the regulator is “floating” and sees only the input-to-
output
differential
voltage,
supplies
of
several
P+ Product Enhancement tested
hundred volts can be regulated as long as the
80 dB Ripple Rejection
maximum input to output differential is not exceeded,
Output is Short-Circuit Protected
i.e., avoid short-circuiting the output.
Also, it makes an especially simple adjustable
DESCRIPTION
switching regulator, a programmable output regulator,
The LM117 series of adjustable 3-terminal positive
or by connecting a fixed resistor between the
voltage regulators is capable of supplying in excess
adjustment pin and output, the LM117 can be used
of 1.5A over a 1.2V to 37V output range. They are
as a precision current regulator. Supplies with
exceptionally easy to use and require only two
electronic shutdown can be achieved by clamping the
external resistors to set the output voltage. Further,
adjustment terminal to ground which programs the
both line and load regulation are better than standard
output to 1.2V where most loads draw little current.
fixed regulators. Also, the LM117 is packaged in
standard
transistor
packages
which
are
easily
For applications requiring greater output current, see
mounted and handled.
LM150 series (3A) and LM138 series (5A) data
sheets. For the negative complement, see LM137
In
addition
to
higher
performance
than
fixed
series data sheet.
regulators, the LM117 series offers full overload
protection available only in IC's. Included on the chip
are current limit, thermal overload protection and safe
area protection. All overload protection circuitry
remains fully functional even if the adjustment
terminal is disconnected.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM317T/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317T/NOPB TI1-LM317T/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317T/NOPB TI1-LM317T/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317T/NOPB TI1-LM317T/NOPB Datasheet
5Mb / 48P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM317T/NOPB TI-LM317T/NOPB Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
More results

Descripción similar - LM317T/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117 TI1-LM117 Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM317 3-Terminal Adjustable Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com