Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1086IS-1.8/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM1086IS-1.8/NOPB
Descripción Electrónicos  LM1086 1.5A Low Dropout Positive Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086IS-1.8/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM1086IS-1.8/NOPB Datasheet HTML 7Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 8Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 9Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 10Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 11Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 12Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 13Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 14Page - Texas Instruments LM1086IS-1.8/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM1086
www.ti.com
SNVS039H – JUNE 2000 – REVISED MAY 2013
OVERLOAD RECOVERY
Overload recovery refers to regulator's ability to recover from a short circuited output. A key factor in the recovery
process is the current limiting used to protect the output from drawing too much power. The current limiting circuit
reduces the output current as the input to output differential increases. Refer to short circuit curve in the Typical
Performance Characteristics section.
During normal start-up, the input to output differential is small since the output follows the input. But, if the output
is shorted, then the recovery involves a large input to output differential. Sometimes during this condition the
current limiting circuit is slow in recovering. If the limited current is too low to develop a voltage at the output, the
voltage will stabilize at a lower level. Under these conditions it may be necessary to recycle the power of the
regulator in order to get the smaller differential voltage and thus adequate start up conditions. Refer to Typical
Performance Characteristics section for the short circuit current vs. input differential voltage.
THERMAL CONSIDERATIONS
ICs heats up when in operation, and power consumption is one factor in how hot it gets. The other factor is how
well the heat is dissipated. Heat dissipation is predictable by knowing the thermal resistance between the IC and
ambient (
θJA). Thermal resistance has units of temperature per power (C/W). The higher the thermal resistance,
the hotter the IC.
The LM1086 specifies the thermal resistance for each package as junction to case (
θJC). In order to get the total
resistance to ambient (
θJA), two other thermal resistance must be added, one for case to heat-sink (θCH) and one
for heatsink to ambient (
θHA). The junction temperature can be predicted as follows:
TJ = TA + PD JC + θCH + θHA) = TA + PD θJA
where
TJ is junction temperature
TA is ambient temperature
PD is the power consumption of the device
Device power consumption is calculated as follows:
IIN = IL + IG
PD = (VIN−VOUT) IL + VINIG
Figure 23 shows the voltages and currents which are present in the circuit.
Figure 23. Power Dissipation Diagram
Once the device power is determined, the maximum allowable (
θJA(max)) is calculated as:
θJA (max) = TR(max)/PD = TJ(max) − TA(max))/PD
The LM1086 has different temperature specifications for two different sections of the IC: the control section and
the output section. The Electrical Characteristics table shows the junction to case thermal resistances for each of
these sections, while the maximum junction temperatures (TJ(max)) for each section is listed in the Absolute
Maximum section of the datasheet. TJ(max) is 125°C for the control section, while TJ(max) is 150°C for the output
section.
θJA (max) should be calculated separately for each section as follows:
θJA (max, CONTROL SECTION) = (125°C for TA(max))/PD
θJA (max, OUTPUT SECTION) = (150°C for TA(max))/PD
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1086


Número de pieza similar - LM1086IS-1.8/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1086IS-1.8/NOPB TI1-LM1086IS-1.8/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086IS-1.8/NOPB TI1-LM1086IS-1.8/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086IS-1.8/NOPB TI1-LM1086IS-1.8/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Descripción similar - LM1086IS-1.8/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com