Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1086IS-ADJ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM1086IS-ADJ/NOPB
Descripción Electrónicos  LM1086 1.5A Low Dropout Positive Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086IS-ADJ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM1086IS-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM1086IS-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VIN
N/C
N/C
VOUT
1
3
4
2
6
5
7
8
ADJ/GND
N/C
VOUT
VOUT
VOUT
LM1086
www.ti.com
SNVS039H – JUNE 2000 – REVISED MAY 2013
LM1086 1.5A Low Dropout Positive Regulators
Check for Samples: LM1086
1
FEATURES
DESCRIPTION
The LM1086 is a series of low dropout positive
2
Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V
voltage regulators with a maximum dropout of 1.5V at
and Adjustable Versions
1.5A of load current. It has the same pin-out as TI's
Current Limiting and Thermal Protection
industry standard LM317.
Output Current 1.5A
The LM1086 is available in an adjustable version,
Line Regulation 0.015% (typical)
which can set the output voltage with only two
external resistors. It is also available in six fixed
Load Regulation 0.1% (typical)
voltages: 1.8V, 2.5V, 2.85V, 3.3V, 3.45V and 5.0V.
The fixed versions integrate the adjust resistors.
APPLICATIONS
The
LM1086
circuit
includes
a
zener
trimmed
SCSI-2 Active Terminator
bandgap reference, current limiting and thermal
High Efficiency Linear Regulators
shutdown.
Battery Charger
Post Regulation for Switching Supplies
Constant Current Regulator
Microprocessor Supply
Connection Diagram
Pins 6, 7, and 8 must be tied together.
Figure 1. TO-220
Figure 2. DDPAK/TO-263
Figure 3. WSON
Top View
Top View
Top View
Figure 4. Basic Functional Diagram,
Figure 5. Application Circuit
Adjustable Version
1.2V to 15V Adjustable Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM1086IS-ADJ/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1086IS-ADJ/NOPB TI1-LM1086IS-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086IS-ADJ/NOPB TI1-LM1086IS-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086IS-ADJ/NOPB TI1-LM1086IS-ADJ/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Descripción similar - LM1086IS-ADJ/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com