Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-7000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-7000
Descripción Electrónicos  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-7000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-7000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-7000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
(I) 12 mm Tape and Reel, “Yoke” Lead
NOTES:
1. EMPTY COMPONENT POCKETS SEALED WITH TOP COVER TAPE.
2. MINIMUM LEADER LENGTH AT EITHER END OF THE TAPE IS 500 mm.
3. THE MAXIMUM NUMBER OF CONSECUTIVE MISSING LAMPS IS TWO.
4. IN ACCORDANCE WITH ANSI/EIA RS-481 SPECIFICATIONS, THE
C ATHODE IS ORIENTED TOWARDS THE TAPE SPROCKET HOLE.


Número de pieza similar - HLMP-7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-7000 BOARDCOM-HLMP-7000 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-7000-D0000 HP-HLMP-7000-D0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-7000-D0010 HP-HLMP-7000-D0010 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-7000-D00XX HP-HLMP-7000-D00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Descripción similar - HLMP-7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PG00-N0011 AVAGO-HLMA-PG00-N0011 Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
HLMP-P205 AVAGO-HLMP-P205 Datasheet
329Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com