Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LZC-00CW00 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
LZC-00CW00 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 12 page LedEngin, Inc. 6 LZC-00CW40 (01/12/10) Absolute Maximum Ratings Table 5: Parameter Symbol Value Unit DC Forward Current [1] IF 1000 mA Peak Pulsed Forward Current [2] IFP 1500 mA Reverse Voltage VR See Note 3 V Storage Temperature Tstg -40 ~ +150 °C Junction Temperature TJ 150 °C Soldering Temperature [4] Tsol 260 °C Allowable Reflow Cycles 6 ESD Sensitivity [5] > 8,000 V HBM Class 3B JESD22-A114-D Notes for Table 5: 1. Maximum DC forward current (per die) is determined by the overall thermal resistance and ambient temperature. Follow the curves in Figure 10 for current derating. 2: Pulse forward current conditions: Pulse Width ≤ 10msec and Duty cycle ≤ 10%. 3. LEDs are not designed to be reverse biased. 4. Solder conditions per JEDEC 020D. See Reflow Soldering Profile Figure 5. 5. LedEngin recommends taking reasonable precautions towards possible ESD damages and handling the LZ4-00CW40 in an electrostatic protected area (EPA). An EPA may be adequately protected by ESD controls as outlined in ANSI/ESD S6.1. Optical Characteristics @ TC = 25°C Table 6: Parameter Symbol Typical Unit Luminous Flux (@ IF = 700mA) [1] Φ V 1900 lm Luminous Flux (@ IF = 1000mA) [1] Φ V 2400 lm Luminous Efficacy (@ IF = 350mA) 88 lm/W Correlated Color Temperature CCT 5500 K Chromaticity Coordinates x,y 0.332, 0.342 Color Rendering Index (CRI) Ra 75 Viewing Angle [2] 2 Θ 1/2 110 Degrees Notes for Table 6: 1. Luminous flux typical value is for all 12 LED dice operating concurrently at rated current. 2. Viewing Angle is the off-axis angle from emitter centerline where the luminous intensity is ½ of the peak value. Electrical Characteristics @ TC = 25°C Table 7: Parameter Symbol Typical Unit Forward Voltage (@ IF = 700mA) [1] VF 42.0 V Forward Voltage (@ IF = 1000mA) [1] VF 43.8 V Temperature Coefficient of Forward Voltage [1] ∆V F/∆TJ -33.6 mV/°C Thermal Resistance (Junction to Case) R Θ J-C 0.7 °C/W Notes for Table 7: 1. Forward Voltage is binned with 12 LED dice connected in series. The actual LED is configured with two strings of 6 dice in series. |
Número de pieza similar - LZC-00CW00 |
|
Descripción similar - LZC-00CW00 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |