Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4041DIM3-1.2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM4041DIM3-1.2
Descripción Electrónicos  LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041DIM3-1.2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4041DIM3-1.2 Datasheet HTML 4Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 5Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 6Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 7Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 8Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 9Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 10Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 11Page - Texas Instruments LM4041DIM3-1.2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LM4041-N, LM4041-N-Q1
SNOS641F – OCTOBER 1999 – REVISED JULY 2013
www.ti.com
LM4041-N/LM4041-N-Q1 ADJ (Adjustable) Electrical Characteristics (Extended Temperature
Range)
Boldface limits apply for TA = TJ = TMINto TMAX; all other limits TJ = 25°C unless otherwise specified (SOT-23, see
(1)), I
RMIN
≤ IR ≤ 12 mA, VREF ≤ VOUT ≤ 10V. The grades C and D designate initial Reference Voltage Tolerances of ±0.5% and ±1%,
respectively for VOUT = 5V.
Symbol
Parameter
Conditions
Typical(2)
LM4041CEM3
LM4041DEM3
Units
LM4041QCEM3(3)
LM4041QDEM3(3)
(Limit)
VREF
Reference Voltage
IR = 100 μA, VOUT = 5V
1.233
V
Reference Voltage
IR = 100 μA, VOUT = 5V
±6.2
±12
mV (max)
Tolerance(4)
±18
±30
mV (max)
IRMIN
Minimum Operating
45
μA
Current
60
65
μA (max)
68
73
μA (max)
ΔVREF/ΔIR Reference Voltage
IRMIN ≤ IR ≤ 1 mA
0.7
mV
Change with Operating
SOT-23: VOUT ≥ 1.6V
(1)
1.5
2.0
mV (max)
Current Change(5)
2.0
2.5
mV (max)
1 mA
≤ IR ≤ 12 mA
2
mV
SOT-23: VOUT ≥ 1.6V
(1)
8
10
mV (max)
6
8
mV (max)
ΔVREF/ΔV
Reference Voltage
IR = 1 mA
−1.55
mV/V
O
Change with Output
−2.0
−2.5
mV/V (max)
Voltage Change
−3.0
−4.0
mV/V (max)
IFB
Feedback Current
60
nA
100
150
nA (max)
120
200
nA (max)
ΔVREF/ΔT
Average Reference
VOUT = 5V,
IR = 10
20
ppm/°C
Voltage Temperature
mA
Coefficient(4)
IR =
1
15
ppm/°C
±100
±150
mA
(max)
IR = 100
15
ppm/°C
μA
ZOUT
Dynamic Output
IR = 1 mA, f = 120 Hz,
Impedance
IAC = 0.1 IR
VOUT =
VREF
0.3
Ω
VOUT =
2
Ω
10V
eN
Wideband Noise
IR = 100 μA,
VOUT =
20
μVrms
VREF
10 Hz
≤ f ≤ 10 kHz
ΔVREF
Reference Voltage Long
t = 1000 hrs, IR = 100 μA,
120
ppm
Term Stability
T = 25°C ±0.1°C
VHYST
Thermal Hysteresis(6)
ΔT = −40°C to +125°C
0.08
%
(1)
When VOUT ≤ 1.6V, the LM4041-N ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of
the die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical
Performance Characteristics section.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(4)
Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves.
(5)
Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change
must be taken into account separately.-
(6)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4041-N, LM4041-N-Q1


Número de pieza similar - LM4041DIM3-1.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4041DIM3-1.2 NSC-LM4041DIM3-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4041DIM3-1.2 MICREL-LM4041DIM3-1.2 Datasheet
106Kb / 16P
   Precision Micropower Shunt Voltage Reference
LM4041DIM3-1.2 MICREL-LM4041DIM3-1.2 Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041DIM3-1.2 TI1-LM4041DIM3-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041DIM3-1.2 TI1-LM4041DIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Descripción similar - LM4041DIM3-1.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com