Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSB50450AS Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FSB50450AS
Descripción Electrónicos  FSB50450AS Motion SPM짰 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450AS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSB50450AS Datasheet HTML 1Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 2Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 3Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 4Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 5Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 6Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 7Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 8Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FSB50450AS Rev. C4
Absolute Maximum Ratings
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Thermal Resistance
Total System
1st Notes:
1. For the measurement point of case temperature TC, please refer to Figure 4.
2. Marking “ * “ is calculation value or design factor.
Symbol
Parameter
Conditions
Rating
Unit
VDSS
Drain-Source Voltage of Each MOSFET
500
V
*ID 25
Each MOSFET Drain Current, Continuous TC = 25°C
1.5
A
*ID 80
Each MOSFET Drain Current, Continuous TC = 80°C
1.1
A
*IDP
Each MOSFET Drain Current, Peak
TC = 25°C, PW < 100 s
3.9
A
*IDRMS
Each MOSFET Drain Current, Rms
TC = 80°C, FPWM < 20 kHz
0.8
Arms
*PD
Maximum Power Dissipation
TC = 25°C, For Each MOSFET
14
W
Symbol
Parameter
Conditions
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied between VB and VS
20
V
VIN
Input Signal Voltage
Applied between VIN and COM
-0.3 ~ VCC + 0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VRRMB
Maximum Repetitive Reverse Voltage
500
V
* IFB
Forward Current
TC = 25°C
0.5
A
* IFPB
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
1.5
A
Symbol
Parameter
Conditions
Rating
Unit
RJC
Junction to Case Thermal Resistance
Each MOSFET under Inverter Oper-
ating Condition (1st Note 1)
8.9
°C/W
Symbol
Parameter
Conditions
Rating
Unit
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, 1 Minute, Con-
nect Pins to Heat Sink Plate
1500
Vrms


Número de pieza similar - FSB50450AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSB50450AS ONSEMI-FSB50450AS Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
More results

Descripción similar - FSB50450AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSBB20CH60SL FAIRCHILD-FSBB20CH60SL Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com