Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2420RSAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2420RSAT
Descripción Electrónicos  3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2420RSAT Datasheet(HTML) 5 Page - Texas Instruments

  TPS2420RSAT Datasheet HTML 1Page - Texas Instruments TPS2420RSAT Datasheet HTML 2Page - Texas Instruments TPS2420RSAT Datasheet HTML 3Page - Texas Instruments TPS2420RSAT Datasheet HTML 4Page - Texas Instruments TPS2420RSAT Datasheet HTML 5Page - Texas Instruments TPS2420RSAT Datasheet HTML 6Page - Texas Instruments TPS2420RSAT Datasheet HTML 7Page - Texas Instruments TPS2420RSAT Datasheet HTML 8Page - Texas Instruments TPS2420RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
10
VOUT
11
12
THERMAL
SHUTDOWN
13 IMON
2
VIN
3
1
I
OUT / 66k
1.0V
7
IMAX
+
10 uA
Q
Pump
Constant
Power
Engine
S
+
-
V(DS) Detector
I(D)
Detector
+
5
GND
+
8
IFLT
I
OUT
14 PG
V
IN -300mV
+
V
OUT
15 FLT
9
CT
R
R
R
6
LTCH
VIN
I
OUT
______
200k
FLT
1.35 V
34 uA
1.25 uA
CT
Charge
+
200 mV
+
16
EN
+
1.5V
Internal Rail
+
2.7 / 2.6
PWRG\
PWRG\
S
Q
Q
R
33 uA
FLT
4
LCA
FT
1.6 x I
LIM
10M
18M
VIN
TPS2420
www.ti.com
SLUS903E – JANUARY 2009 – REVISED MAY 2013
TPS2420 FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2420


Número de pieza similar - TPS2420RSAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
More results

Descripción similar - TPS2420RSAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com