Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2541A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2541A
Descripción Electrónicos  USB Charging Port Power Switch and Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2541A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2541A Datasheet HTML 2Page - Texas Instruments TPS2541A Datasheet HTML 3Page - Texas Instruments TPS2541A Datasheet HTML 4Page - Texas Instruments TPS2541A Datasheet HTML 5Page - Texas Instruments TPS2541A Datasheet HTML 6Page - Texas Instruments TPS2541A Datasheet HTML 7Page - Texas Instruments TPS2541A Datasheet HTML 8Page - Texas Instruments TPS2541A Datasheet HTML 9Page - Texas Instruments TPS2541A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Conditions are -40
≤ TJ ≤ 125°C unless otherwise noted. VEN (if TPS2540 or TPS2540A) = VDSC (if TPS2541 or TPS2541A) =
VIN = 5 V, RFAULT = 10 kΩ, RILIM0 = 210 kΩ, RILIM1 = 20 kΩ, ILIM_SEL = 0 V, CTL1 = CTL2 = GND, CTL3 = VIN (TPS2540/40A) or
CTL3 = GND (TPS2541/41A), unless otherwise noted. Positive currents are into pins. Typical values are at 25
°C. All voltages
are with respect to GND unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Undervoltage Lockout
Low-level input voltage,
VUVLO
VIN rising
3.9
4.1
4.3
V
IN
Hysteresis, IN
100
mV
FAULT
Output low voltage,
IFAULT = 1 mA
100
mV
FAULT
Off-state leakage
VFAULT = 5.5 V
1
µA
FAULT deglitch
FAULT assertion or de-assertion due to over-current condition
5
8.5
12
ms
CTLx Inputs
CTLx pins turn on/off
VCTL
0.9
1.1
1.65
V
threshold, falling
VCTL_HYS
CTLx hysteresis
200
mV
Input current
VCTL = 0 V or 5.5 V
-0.5
0.5
µA
Thermal Shutdown
Thermal shutdown
155
threshold
Thermal shutdown
°C
135
threshold in current-limit
Hysteresis
10
High-Bandwidth Analog Switch
VDP/DM_OUT = 0 V, IDP/DM_IN = + 30 mA
2
4
On resistance DP/DM
RHS_ON
high-speed switch
VDP/DM_OUT = 2.4 V, IDP/DM_IN = - 15 mA
3
6
Ω
On resistance match
VDP/DM_OUT = 0 V, IDP/DM_IN = + 30 mA
0.05
0.15
ΔRHS_ON
between channels
VDP/DM_OUT = 2.4 V, IDP/DM_IN = - 15 mA
0.05
0.15
DP/DM switch
DP/DM off state
CIO_OFF
f = 1 MHz, switch off
3
3.6
capacitance (1)
pF
DP/DM on state
CIO_ON
f = 1 MHz, switch on
5.4
6.2
capacitance (2)
OIRR
Off state isolation
RL = 50 Ω, f = 250 MHz, -40 ≤ TJ ≤ 125°C
33
dB
On-state cross channel
XTALK
RL = 50 Ω, f = 250 MHz, -40 ≤ TJ ≤ 125°C
52
isolation
IOFF
Off state leakage
VDM_IN = VDP_IN = 3.6 V, VDM_OUT = VDP_OUT = 0 V
0.1
1.5
µA
BW
Bandwidth (-3 dB)
RL = 50 Ω
2.6
GHz
tpd
Propagation delay
0.25
Skew between opposite
ns
tSK
transitions of the same
0.1
0.2
port (tPHL –tPLH)
(1)
The resistance in series with this parasitic capacitance to GND is typically 250
Ω.
(2)
The resistance in series with this parasitic capacitance to GND is typically 150
Ω.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A


Número de pieza similar - TPS2541A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2541 TI-TPS2541 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Descripción similar - TPS2541A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com