Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40195PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40195PW
Descripción Electrónicos  4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40195PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40195PW Datasheet HTML 4Page - Texas Instruments TPS40195PW Datasheet HTML 5Page - Texas Instruments TPS40195PW Datasheet HTML 6Page - Texas Instruments TPS40195PW Datasheet HTML 7Page - Texas Instruments TPS40195PW Datasheet HTML 8Page - Texas Instruments TPS40195PW Datasheet HTML 9Page - Texas Instruments TPS40195PW Datasheet HTML 10Page - Texas Instruments TPS40195PW Datasheet HTML 11Page - Texas Instruments TPS40195PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
3.5
3.6
3.8
3.7
-40 -25 -10
5
20
35
95
125
50
65
80
110
3.9
4.1
4.2
3.3
3.2
3.4
4.0
T
J - Junction Temperature - °C
Turn Off
Turn On
4.0
4.2
4.8
5.4
5.8
6.0
5.2
4.6
-40 -25 -10
5
20
35
95
125
50
65
80
110
4.4
5.6
5.0
V
UVLO = 1.375 V
T
J - Junction Temperature - °C
0
-40 -25 -10
5
20
35
95
125
50
65
80
110
200
350
450
500
250
100
150
300
400
50
T
J - Junction Temperature - °C
V
VDD = 5 V
I
LOAD = 25 mA
1.25
-40 -25 -10
5
20
35
95
125
50
65
80
110
1.26
1.27
1.29
1.28
1.30
T
J - Junction Temperature - °C
TPS40195
SLUS720E – FEBRUARY 2007 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
BP DROPOUT VOLTAGE
UNDERVOLTAGE LOCKOUT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
UNDERVOLTAGE LOCKOUT HYSTERESIS
BP UNDERVOLTAGE LOCKOUT VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Copyright © 2007–2012, Texas Instruments Incorporated


Número de pieza similar - TPS40195PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40195PW TI-TPS40195PW Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWG4 TI-TPS40195PWG4 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWR TI-TPS40195PWR Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS40195PWRG4 TI-TPS40195PWRG4 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
More results

Descripción similar - TPS40195PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com