Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53114PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS53114PWP
Descripción Electrónicos  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS53114PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS53114PWP Datasheet HTML 1Page - Texas Instruments TPS53114PWP Datasheet HTML 2Page - Texas Instruments TPS53114PWP Datasheet HTML 3Page - Texas Instruments TPS53114PWP Datasheet HTML 4Page - Texas Instruments TPS53114PWP Datasheet HTML 5Page - Texas Instruments TPS53114PWP Datasheet HTML 6Page - Texas Instruments TPS53114PWP Datasheet HTML 7Page - Texas Instruments TPS53114PWP Datasheet HTML 8Page - Texas Instruments TPS53114PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS53114
www.ti.com
SLVS887B – APRIL 2009 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
TONL
On Time
SW = 12V, VO = 1.8V, FSEL = 0V
390
ns
TONH
On Time
SW = 12V, VO = 1.8V, FSEL = V5FILT
139
ns
TOFFL
Min off time
SW = 0.7V, TA = 25°C, VFB = 0.7V, FSEL = 0V
285
ns
TOFFH
Min off time
SW = 0.7V, TA = 25°C, VFB = 0.7V, FSEL = V5FILT
216
ns
SOFT START
Issc
SS charge current
VSS = 0V , SOURCE CURRENT
1.4
2.0
2.6
mA
Issd
SS discharge current
VSS = 0.5V , SINK CURRRENT
100
150
mA
UVLO
V5FILT rising
3.7
4.0
4.3
V
VUV5VFILT
V5FILT UVLO threshold
Hysteresis
0.2
0.3
0.4
LOGIC THRESHOLD
VENH
EN H-level threshold voltage
EN
2.0
V
VENL
EN L-level threshold voltage
EN
0.3
V
CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 0.1V, TA = 25°C
8.5
10
11.5
mA
TCITRIP
ITRIP temperature coefficient
on the basis of 25°C
4000
ppm/°C
(VTRIP-GND-VPGND-SW) voltage,
–10
0
10
mV
VTRIP-GND = 60mV, TA = 25°C
VOCLoff
OCP compensation offset
(VTRIP-GND-VPGND-SW) voltage,
–15
15
mV
VTRIP-GND = 60mV
VRtrip
Current limit threshold setting
VTRIP-GND voltage
30
200
mV
range
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP trip threshold
OVP detect
110
115
120
%
TOVPDEL
Output OVP prop delay
1.5
ms
UVP detect
65
70
75
%
VUVP
Output UVP trip threshold
Hysteresis (recovery <20ms)
10
%
TUVPDEL
Output UVP delay
17
30
40
ms
TUVPEN
Output UVP enable delay
UVP enable delay / soft start time
X1.4
X1.7
X2.0
THERMAL SHUTDOWN
Shutdown temperature(1)
150
°C
TSDN
Thermal shutdown threshold
Hysteresis(1)
20
(1)
Ensured by design. Not production tested.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS53114


Número de pieza similar - TPS53114PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Descripción similar - TPS53114PWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com