Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD590JR Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD590JR
Descripción Electrónicos  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD590JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD590JR Datasheet HTML 4Page - Analog Devices AD590JR Datasheet HTML 5Page - Analog Devices AD590JR Datasheet HTML 6Page - Analog Devices AD590JR Datasheet HTML 7Page - Analog Devices AD590JR Datasheet HTML 8Page - Analog Devices AD590JR Datasheet HTML 9Page - Analog Devices AD590JR Datasheet HTML 10Page - Analog Devices AD590JR Datasheet HTML 11Page - Analog Devices AD590JR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD590
Data Sheet
Rev. G | Page 8 of 16
NONLINEARITY
Nonlinearity as it applies to the AD590 is the maximum
deviation of current over temperature from a best-fit straight
line. The nonlinearity of the AD590 over the −55°C to +150°C
range is superior to all conventional electrical temperature
sensors such as thermocouples, RTDs, and thermistors. Figure 12
shows the nonlinearity of the typical AD590K from Figure 11.
Figure 12. Nonlinearity
Figure 13 shows a circuit in which the nonlinearity is the major
contributor to error over temperature. The circuit is trimmed
by adjusting R1 for a 0 V output with the AD590 at 0°C. R2 is
then adjusted for 10 V output with the sensor at 100°C. Other
pairs of temperatures can be used with this procedure as long as
they are measured accurately by a reference sensor. Note that
for 15 V output (150°C), the V+ of the op amp must be greater
than 17 V. Also, note that V− should be at least −4 V; if V− is
ground, there is no voltage applied across the device.
Figure 13. 2-Temperature Trim
Figure 14. Typical 2-Trim Accuracy
VOLTAGE AND THERMAL ENVIRONMENT EFFECTS
The power supply rejection specifications show the maximum
expected change in output current vs. input voltage changes.
The insensitivity of the output to input voltage allows the use of
unregulated supplies. It also means that hundreds of ohms of
resistance (such as a CMOS multiplexer) can be tolerated in
series with the device.
It is important to note that using a supply voltage other than 5 V
does not change the PTAT nature of the AD590. In other words,
this change is equivalent to a calibration error and can be
removed by the scale factor trim (see Figure 11).
The AD590 specifications are guaranteed for use in a low
thermal resistance environment with 5 V across the sensor.
Large changes in the thermal resistance of the sensor’s environment
change the amount of self-heating and result in changes in the
output, which are predictable but not necessarily desirable.
The thermal environment in which the AD590 is used
determines two important characteristics: the effect of self-
heating and the response of the sensor with time. Figure 15 is a
model of the AD590 that demonstrates these characteristics.
Figure 15. Thermal Circuit Model
0.8°C
MAX
0.8°C MAX
1.6
–1.6
–0.8
0
0.8
–55
150
TEMPERATURE (°C)
0.8°C
MAX
30pF
OP177
100mV/°C
VT = 100mV/°C
AD590
AD581
V–
35.7kΩ
R1
2kΩ
97.6kΩ
R2
5kΩ
27kΩ
15V
2
–2
0
–55
0
150
100
TEMPERATURE (°C)
θJC
θCA
TJ
P
CCH
CC
TA
+
TC


Número de pieza similar - AD590JR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD590JR AD-AD590JR Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590JR AD-AD590JR Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JR AD-AD590JR Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JR AD-AD590JR Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JR AD-AD590JR Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Descripción similar - AD590JR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com