Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V-15G1-3AR6-T Datasheet(PDF) 6 Page - Omron Electronics LLC

No. de pieza V-15G1-3AR6-T
Descripción Electrónicos  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G1-3AR6-T Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button V-15G1-3AR6-T Datasheet HTML 2Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-15G1-3AR6-T Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
V
V
115
Heat Resistant Models (Up to 150
°C)
Actuator
COM
terminal
Contact form
Terminals
15 A
10 A
terminal
position
OF: 1.96 N {200 gf}
OF: 0.98 N {100 gf}
Pin plunger
Bottom
SPDT
Solder termi-
l (A)
V-15-1A5-T
V-10-1A4-T
Short hinge lever
nals (A)
V-151-1A5-T
V-101-1A4-T
Hinge lever
V-152-1A5-T
V-102-1A4-T
Long hinge lever
V-153-1A5-T
V-103-1A4-T
Simulated roller lever
V-154-1A5-T
V-104-1A4-T
Short hinge roller lever
V-155-1A5-T
V-105-1A4-T
Hinge roller lever
V-156-1A5-T
V-106-1A4-T
Barrier (V-21 and V-16 Models Only)
Right-hand Barrier
Left-hand Barrier
Specifications
Ratings
Item
Resistive load
Model
Rated voltage
V-21
250 VAC
21 A
125 VDC
250 VDC
0.6 A
0.3 A
V-16
250 VAC
16 A
125 VDC
250 VDC
0.6 A
0.3 A
V-15
250 VAC
15 A
125 VDC
250 VDC
0.6 A
0.3 A
V-11
250 VAC
11 A
125 VDC
250 VDC
0.6 A
0.3 A
V-10
250 VAC
10 A
125 VDC
250 VDC
0.6 A
0.3 A
Note:
The ratings values apply under the following test conditions:
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 30 operations/min


Número de pieza similar - V-15G1-3AR6-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1A5-K OMRON-V-15G1-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Descripción similar - V-15G1-3AR6-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com