Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV640DH101RZEN Datasheet(PDF) 11 Page - Advanced Micro Devices |
|
AM29LV640DH101RZEN Datasheet(HTML) 11 Page - Advanced Micro Devices |
11 / 57 page 10 Am29LV640D/Am29LV641D September 20, 2002 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Am29LV640D Am29LV641D H 90R E I N OPTIONAL PROCESSING Blank= Standard Processing N = 32-byte ESN devices (Contact an AMD representative for more information) TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) Z = 56-Pin Shrink Small Outline Package (SSO056) PC = 64-Ball Fortified Ball Grid Array ( FBGA), 1.0 mm pitch, 13 x 11 mm package (LAA064) WH = 63-Ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 11 x 12 mm package (FBE063) SPEED OPTION See Product Selector Guide and Valid Combinations SECTOR ARCHITECTURE AND SECTOR WRITE PROTECTION (WP# = 0) H = Uniform sector device, highest address sector protected L = Uniform sector device, lowest address sector protected U = Uniform sector device (WP# not available) DEVICE NUMBER/DESCRIPTION Am29LV640DU/DH/DL, Am29LV641DH/DL 64 Megabit (4 M x 16-Bit) CMOS Uniform Sector Flash Memory with VersatileIO Control 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP and SSOP Packages Speed/VIO Range AM29LV640DH90R, AM29LV640DL90R ZI 90ns, VIO = 3.0 V – 5.0 V AM29LV640DH101R, AM29LV640DL101R 100 ns, VIO = 1.8 V – 2.9 V AM29LV641DH90R, AM29LV641DL90R EI, FI 90 ns VIO = 3.0 V – 5.0 V AM29LV641DH101R, AM29LV641DL101R 100 ns VIO = 1.8 V – 2.9 V AM29LV640DH120R, AM29LV640DL120R ZI, ZE 120 ns, VIO = 3.0 V – 5.0 V AM29LV640DH121R, AM29LV640DL121R 120 ns, VIO = 1.8 V – 2.9 V AM29LV641DH120R, AM29LV641DL120R EI, FI, EE, FE 120 ns, VIO = 3.0 V – 5.0 V AM29LV641DH121R, AM29LV641DL121R 120 ns VIO = 1.8 V – 2.9 V Note: LV640/641DH & DL have WP#, but no RY/BY#. U designator in base part number replaced by H or L. Valid Combinations for BGA Packages Speed/ V IO Range Order Number Package Marking AM29LV640DU90R PCI L640DU90N I 90 ns, VIO = 3.0 V – 5.0 V WHI L640DU90R AM29LV640DU101R PCI L640DU01N 100 ns, VIO = 1.8 V – 2.9 V WHI L640DU01R AM29LV640DU120R PCI, PCE L640DU12N I, E 120 ns, VIO = 3.0 V – 5.0 V WHI, WHE L640DU12R AM29LV640DU121R PCI, PCE L640DU21N 120 ns, VIO = 1.8 V – 2.9 V WHI, WHE L640DU21R Note: LV640DU has RY/BY#, but no WP#. |
Número de pieza similar - AM29LV640DH101RZEN |
|
Descripción similar - AM29LV640DH101RZEN |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |