Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB1H225M2CCB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza CB1H225M2CCB
Descripción Electrónicos  Tantalum Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CB1H225M2CCB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CB1H225M2CCB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Features:
•  Lead-Free
•  Specially designed of general purpose
•  Highly reliable resin dipped type
•  Excellent frequency and temperature characteristics
•  Non-flammable epoxy resin
Technical Specifications:
Temperature Characteristics:
Item
Performance Characteristics
Operating Temperature Range
-55°C to +125°C (>85°C with rated voltage derating)
Rated Working Voltage Range
6.3V DC to 50V DC
Nominal Capacitance Range
0.1μF to 220μF
Capacitance Tolerance
± 20%
Leakage Current
Not more than 0.01 CrVr or 0.5μA whichever is greater
Dissipation Factor
Capacitance
≤1μF
1.5 to 6.8 μF
10 to 68 μF ≥100 μF
Max. tan δ
0.04
0.06
0.08
0.1
Cap. 
(μF)
Change in Cap. (%)
DF Max. (%)
DCL max. (μA)
-55°C
+85°C
+125°C
-55°C
+20°C
+85°C +125°C
+20°C
+85°C
+125°C
≤1
±10
±15
±25
6
4
6
6
Io=0.01CrVr
0.5μA(whichever 
is greater)
10Io
12.5Io
1.5 ~ 6.8
8
6
8
8
10 ~ 68
10
8
10
10
100 ~ 680
12
10
12
12


Número de pieza similar - CB1H225M2CCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB1HFA111553329 BOOKHAM-CB1HFA111553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1HFA1115533290653 BOOKHAM-CB1HFA1115533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
CB1HFA111560200 BOOKHAM-CB1HFA111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1HFA111560200 BOOKHAM-CB1HFA111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1HFA121553329 BOOKHAM-CB1HFA121553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
More results

Descripción similar - CB1H225M2CCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T500X227K010AG6110 KEMET-T500X227K010AG6110 Datasheet
98Kb / 1P
   Capacitor, tantalum
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com