Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB1H225M2CCB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza CB1H225M2CCB
Descripción Electrónicos  Tantalum Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CB1H225M2CCB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CB1H225M2CCB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1H225M2CCB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <3>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Symbol
Dimension (mm)
P
12.7 ±1
P
0
12.7 ±0.3
W
18
+1
−0.5
W
0
12 ±0.5
H
3
9
+0.75 
−0.5
W
2
3 max.
H
1
32.5 max
∆P
±1.3 max
D
4 ±0.3
T
0.5 ±0.2
∆h
±2 max
L
11 max
H
16 ±0.5
S
2.5 ±0.5
5 ±0.5
P
1
5.1 ±0.5
3.85 ±0.7
P
2
6.35 ±0.4
H
2
18-22
d
0.5 ±0.05
Taping Dimension:


Número de pieza similar - CB1H225M2CCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookham, Inc.
CB1HFA111553329 BOOKHAM-CB1HFA111553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1HFA1115533290653 BOOKHAM-CB1HFA1115533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
CB1HFA111560200 BOOKHAM-CB1HFA111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1HFA111560200 BOOKHAM-CB1HFA111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1HFA121553329 BOOKHAM-CB1HFA121553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
More results

Descripción similar - CB1H225M2CCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T500X227K010AG6110 KEMET-T500X227K010AG6110 Datasheet
98Kb / 1P
   Capacitor, tantalum
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com