Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1930MC Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LB1930MC
Descripción Electrónicos  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1930MC Datasheet(HTML) 4 Page - ON Semiconductor

  LB1930MC Datasheet HTML 1Page - ON Semiconductor LB1930MC Datasheet HTML 2Page - ON Semiconductor LB1930MC Datasheet HTML 3Page - ON Semiconductor LB1930MC Datasheet HTML 4Page - ON Semiconductor LB1930MC Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1930MC
No.A2018-4/5
VO(sat) -- IO
VO(sat) -- Tc
ICC -- VCC
ICC -- Tc
ICC -- Tc
IIN -- VIN
Ta = 25
°C
VCC = 5V
total
(Low + High side)
IO= 500mA
IO= 200mA
1.0
0
0.9
0.6
0.4
0.2
1.0
0
0.9
0.6
0.4
0.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
-40
-20
0
20
40
60
80
100
140
120
28
0
24
16
8
4
20
12
20
0
12
8
4
16
28
0
24
16
8
4
20
12
160
0
40
120
80
1.8
0
1.6
0.8
0.4
1.2
100
0
80
40
20
60
VCC =
8V
VCC =3V
VCC= 2V
VCC =8V
VCC =3V
VCC = 2V
VCC = 3V
VCC = 11V
VIN = 5V
0.29
0
1
234567
12
10
89
11
01
2
3
4
5
6
7
10
89
Output current, IO -- A
Case temperature, Tc --
°C
Case temperature, Tc --
°C
Case temperature, Tc --
°C
Case temperature, Tc --
°C
Case temperature, Tc --
°C
ICC Standby Temperature Characteristics
IN pin Input Current vs. Temperature Characteristics
Brake
Forward/reverse
Forward/reverse
Brake
Input voltage, VIN -- V
Supply voltage, VCC -- V
Under 0.01
μA


Número de pieza similar - LB1930MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Descripción similar - LB1930MC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com