Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC898300XA-MH Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LC898300XA-MH
Descripción Electrónicos  Linear Vibrator Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898300XA-MH Datasheet(HTML) 1 Page - ON Semiconductor

  LC898300XA-MH Datasheet HTML 1Page - ON Semiconductor LC898300XA-MH Datasheet HTML 2Page - ON Semiconductor LC898300XA-MH Datasheet HTML 3Page - ON Semiconductor LC898300XA-MH Datasheet HTML 4Page - ON Semiconductor LC898300XA-MH Datasheet HTML 5Page - ON Semiconductor LC898300XA-MH Datasheet HTML 6Page - ON Semiconductor LC898300XA-MH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
80812HK/41912 SY 20110920-S00002 No.A2053-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
* I
2C Bus is a trademark of Philips Corporation.
LC898300XA
Overview
LC898300XA is a Linear Vibrator Driver IC for a haptics and a vibrator installed in mobile equipments. The best
feature is it can adjust the drive frequency to the resonance frequency of the linear vibrator automatically without
external parts. As a result, the vibration power is not influenced by the difference of the resonance frequency and it is
not necessary to care about the shift of resonance frequency with the lapse of time or the impact of fall. And it is
possible to improve the brake performance with the automatic brake function. Moreover, it is possible to reduce the
power consumption by highly effective drive.
Functions
• Automatic adjustment to the individual resonance frequency
• Automatic brake function
• Initial drive frequency adjustment function
• Drive voltage adjustment with I2C IF setting
• Various drive pattern with I2C* IF setting (1.8V IF is available)
• Low driving noise
• Low power consumption by highly effective drive (100degree drive)
Applications
• Linear Vibrator (Vibration and haptics)
• Mobile Phone
• Portable Game
• Mobile equipment with haptics function
Specifications
Absolute Maximum Ratings at VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VDD max
-0.3 to 4.6
V
VI1
-0.3 to VDD+0.3
V
Input voltage
VI2
*1
-0.3 to 5.8
V
Output voltage
VO
-0.3 to VDD+0.3
V
H-bridge Drive current
IO max
150
mA
Allowable power dissipation
Pd max
Ta = 85
°C *2
170
mW
Operating temperature range
Ta
-30 to 85
°C
Storage temperature range
Tstg
-55 to 125
°C
Input or Output current
II,IO
*3
±20
mA
*1: Input voltage without diode connection to VDD. (SDA, SCL)
*2: Grass epoxy (50mm
× 40mm × 0.9mm
3, FR-4)
*3: Per an I/O buffer
CMOS LSI
Linear Vibrator Driver IC
Ordering number : ENA2053
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Número de pieza similar - LC898300XA-MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC898300XA SANYO-LC898300XA Datasheet
94Kb / 7P
   Linear Vibrator Driver IC
More results

Descripción similar - LC898300XA-MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC898300XA SANYO-LC898300XA Datasheet
94Kb / 7P
   Linear Vibrator Driver IC
logo
ON Semiconductor
LC898302AXA-D ONSEMI-LC898302AXA-D Datasheet
117Kb / 8P
   Linear Vibrator Driver
May, 2022
LC898301XA ONSEMI-LC898301XA Datasheet
189Kb / 12P
   Liner Vibrator Driver IC
October, 2013 Ver. 2.1
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX1749 MAXIM-MAX1749 Datasheet
108Kb / 8P
   SOT23 Vibrator Motor Driver
19-1455; Rev 1; 6/99
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Sanyo Semicon Device
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
   Linear Fan Control Driver IC
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com